Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
WM8772EFT – 32 PIN TQFP
Production Data
w
PD Rev 4.1 October 2004
52
I
2S MODE
In I
2S mode, the MSB of DIN1/2/3 is sampled by the WM8772EFT on the second rising edge of
BCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on
the first falling edge of BCLK following an ADCLRC transition and may be sampled on the rising edge
of BCLK. ADCLRC and DACLRC are low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
DACBCLK/
ADCBCLK
DIN1/2/3/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 45 I
2S Mode Timing Diagram
DSP EARLY MODE
In DSP early mode, the MSB of DAC channel 1 left data is sampled by the WM8772EFT on the
second rising edge on DACBCLK following a DACLRC rising edge. DAC channel 1 right and DAC
channels 2 and 3 data follow DAC channel 1 left data (Figure 46).
DACLRC
DACBCLK
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 3
RIGHT
NO VALID DATA
1 BCLK
1 BCLK
Figure 46 DSP Early Mode Timing Diagram – DAC Data Input
The MSB of the left channel ADC data is output on DOUT and changes on the first falling edge of
ADCBCLK following a low to high ADCLRC transition and may be sampled on the rising edge of
ADCBCLK. The right channel ADC data is contiguous with the left channel data (Figure 47)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com