Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
63
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
Interface Control
5
ADCBCP
0
ADCBCLK Polarity (DSP Modes):
0: normal BCLK polarity
1: inverted BCLK polarity
MUTE PIN DECODE
The MUTE pin can either be used an output or an input. When used as an input the MUTE pins
action can controlled by setting the DZFM bit to select the corresponding DAC for applying the MUTE
to. As an output its meaning is selected by the DZFM control bits. By default selecting the MUTE to
represent if DAC1 has received more than 1024 midrail samples will cause the MUTE to be asserted
a softmute on DAC1. Disabling the decode block will cause any logical high on the MUTE pin to
apply a softmute to all DACs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
6
MPD
0
MUTE Pin Decode Disable:
0: MUTE pin decode enable
1: MUTE pin decode disable
DAC TO ADC SYNC
If the DAC and ADC use the same MCLK, and they are operating in the same fs mode setting the
SYNC bit will improve performance by synchronising the internal clock between the two blocks.
Setting this at any other time may or may not improve or degrade the performance of the device.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
SYNC Control
7
SYNC
0
SYNC Function:
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com