Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
59
Setting the MUTEALL register bit will apply a 'soft' mute to the input of all the DAC digital filters:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Mute
0
MUTEALL
0
Soft Mute Select:
0 : Normal operation
1: Soft mute all channels
Refer to Figure 39 for the plot of application and release of soft mute.
Note that all other means of muting the DAC channels: setting the PL[3:0] bits to 0, setting the
PDWN bit or setting attenuation to 0 will cause much more abrupt muting of the output.
ADC MUTE MODES
Each ADC channel also has a mute control bit, which mutes the inputs to the ADC.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AMUTER
0
ADC Mute Select:
0 : Normal operation
1: mute ADC right
1
AMUTEL
0
ADC Mute Select:
0 : Normal operation
1: mute ADC left
0001100
ADC Mute
2
AMUTEALL
0
ADC Mute Select:
0 : Normal operation
1: mute both ADC channels
DE-EMPHASIS MODE
Each stereo DAC channel has an individual de-emphasis control bit:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC De-emphahsis
Control
[8:6]
DEEMPH
[1:0]
000
De-emphasis Channel Selection
Select:
DEEMPH
[1:0]
DAC CHANNEL 1
DAC CHANNEL 2
DAC CHANNEL 3
000
Not DE-EMPHASIS
Not DE-EMPHASIS
Not DE-EMPHASIS
001
DE-EMPHASIS
Not DE-EMPHASIS
Not DE-EMPHASIS
010
Not DE-EMPHASIS
DE-EMPHASIS
Not DE-EMPHASIS
011
DE-EMPHASIS
DE-EMPHASIS
Not DE-EMPHASIS
100
Not DE-EMPHASIS
Not DE-EMPHASIS
DE-EMPHASIS
101
DE-EMPHASIS
Not DE-EMPHASIS
DE-EMPHASIS
110
Not DE-EMPHASIS
DE-EMPHASIS
DE-EMPHASIS
Refer to Figure 7, Figure 8, Figure 9, Figure 10, Figure 11 and Figure 12 for details of the De-
Emphasis performance at different sample rates.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC DEMP
1
DEEMP
ALL
0
DEMMP Select:
0 : Normal operation
1: De-emphasis all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com