Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
57
DAC DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the DACFMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
1:0
DACFMT
[1:0]
00
Interface Format Select:
00 : Right justified mode
01: Left justified mode
10: I
2S mode
11: DSP (early or late) mode
In left justified, right justified or I
2S modes, the DACLRP register bit controls the polarity of DACLRC.
If this bit is set high, the expected polarity of DACLRC will be the opposite of that shown Figure 23,
Figure 24 and Figure 25. Note that if this feature is used as a means of swapping the left and right
channels, a 1 sample phase difference will be introduced. In DSP modes, the DACLRP register bit is
used to select between early and late modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In Left/Right/I
2S Modes:
DACLRC Polarity (normal)
0 : Normal DACLRC polarity
1: Inverted DACLRC polarity
0000011
Interface Control
2
DACLRP
0
In DSP Mode:
0 : Early DSP mode
1: Late DSP mode
By default, DACLRC and DIN1/2/3 are sampled on the rising edge of DACBCLK and should ideally
change on the falling edge. Data sources that change DACLRC and DIN1/2/3 on the rising edge of
DACBCLK can be supported by setting the BCP register bit. Setting DACBCP to 1 inverts the
polarity of DACBCLK to the inverse of that shown in Figure 23, Figure 24, Figure 25, Figure 26,
Figure 27, Figure 28 and Figure 29.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
3
DACBCP
0
DACBCLK Polarity (DSP Modes)
0 : Normal BCLK polarity
1: Inverted BCLK polarity
The DACIWL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
5:4
DACIWL
[1:0]
00
Input Word Length:
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: If 32-bit mode is selected in right justified mode, the WM8772EFT defaults to 24 bits.
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8772EFT pads the unused LSBs with zeros.
If the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that DACLRC is high for a
minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com