Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 70Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
67
SUGGESTED ANALOGUE LOW PASS POST DAC FILTERS
It is recommended that a lowpass filter be applied to the output from each DAC channel for Hi Fi applications. Typically a
second order filter is suitable and provides sufficient attenuation of high frequency components (the unique low order, high
bit count multi-bit sigma delta DAC structure used in WM8772EFT produces much less high frequency output noise than
normal sigma delta DACs. This filter is typically also used to provide the 2x gain needed to provide the standard 2Vrms
output level from most consumer equipment.
Figure 51 shows a suitable post DAC filter circuit, with 2x gain. Alternative inverting filter architectures might also be used
with as good results.
7.5k
Ω
Ω
Ω
Ω
1.8k
Ω
Ω
Ω
Ω
10uF
1.0nF
10k
Ω
Ω
Ω
Ω
4.7k
Ω
Ω
Ω
Ω
680pF
4.7k
Ω
Ω
Ω
Ω
51
Ω
Ω
Ω
Ω
OP_FIL
VOUT1L
OP_FIL
VOUT1R
OP_FIL
VOUT2R
OP_FIL
VOUT2L
OP_FIL
VOUT3L
OP_FIL
VOUT3R
Figure 51 Recommended Post DAC Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com