Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Production Data
WM8772
w
PD Rev 4.1 October 2004
13
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter
±0.01 dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband ripple
±0.01
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-65
dB
DAC Filter
±0.05 dB
0.444fs
Passband
-3dB
0.487fs
Passband ripple
±0.05
dB
Stopband
0.555fs
Stopband Attenuation
f > 0.555fs
-60
dB
Table 1 Digital Filter Characteristics
DAC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 1 DAC Digital Filter Frequency Response
– 44.1, 48 and 96KHz
Figure 2 DAC Digital Filter Ripple –44.1, 48 and 96kHz
-80
-60
-40
-20
0
0
0.2
0.4
0.6
0.8
1
Frequency (Fs)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 3 DAC Digital Filter Frequency Response
– 192KHz
Figure 4 DAC Digital Filter Ripple – 192kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com