Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
55
REGISTER MAP – 32 PIN TQFP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8772EFT can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R0(00h)
0
0
0
0
0
0
0
UPDATE
LDA1[7:0]
011111111
R1(01h)
0
0
0
0
0
0
1
UPDATE
RDA1[7:0]
011111111
R2(02h)
0
0
0
0
0
1
0
PL[8:5]
IZD
ATC
PDWN
All DAC
DEEMP
MUTE
All DAC
100100000
R3(03h)
0
0
0
0
0
1
1
PHASE[8:6]
DACIWL[5:4]
DACBCP
DACLRP
DACFMT[1:0]
000000000
R4(04h)
0
0
0
0
1
0
0
UPDATE
LDA2[7:0]
011111111
R5(05h)
0
0
0
0
1
0
1
UPDATE
RDA2[7:0]
011111111
R6(06h)
0
0
0
0
1
1
0
UPDATE
LDA3[7:0]
011111111
R7(07h)
0
0
0
0
1
1
1
UPDATE
RDA3[7:0]
011111111
R8(08h)
0
0
0
1
0
0
0
UPDATE
MASTDA[7:0]
011111111
R9(09h)
0
0
0
1
0
0
1
DEEMP[8:6]
DMUTE[5:3]
DZFM[2:1]
ZCD
000000000
R10(0Ah)
0
0
0
1
0
1
0
DACRATE[8:6]
DACMS
PWRDN
ALL
DACPD[3:1]
ADCPD
010000000
R11(0Bh)
0
0
0
1
0
1
1
ADC
OSR
ADCRATE[7:5]
ADCMS
ADCIWL[3:2]
ADCFMT[1:0]
001000000
R12(0Ch)
0
0
0
1
1
0
0
0
SYNC
MPD
ADCBCP
ADCLRP
ADCHP
AMUTE
ALL
AMUTEL
AMUTER
000000000
R31(1Fh)
0
0
1
1
1
1
1
RESET
000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com