Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8772 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
WM8772EFT – 32 PIN TQFP
Production Data
w
PD Rev 4.1 October 2004
62
MASTER MODE ADCLRC FREQUENCY SELECT
In Master mode the WM8772EFT generates ADCLRC and ADCBCLK. These clocks are derived
from the master clock and the ratio of ADCMCLK to ADCLRC is set by ADCRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
ADCLRC and ADCBCLK
Frequency Select
7:5
ADCRATE [2:0]
010
Master Mode
ADCMCLK:ADCLRC Ratio
Select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs. The 64fs oversampling rate is only available in
modes were a 96KHz rate is supported, i.e. 256fs or 384fs. In all other modes the ADC will stay in a
128fs oversampling rate irrespective of what this bit is set to.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
ADC Oversampling Rate
8
ADCOSR
0
ADC Oversampling Rate Select
0: 128x oversampling
1: 64x oversampling
ADC HIGHPASS FILTER DISABLE
The ADC digital filters contain a digital highpass filter. This defaults to enabled and can be disabled
using software control bit ADCHPD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
3
ADCHPD
0
ADC Highpass Filter Disable:
0: Highpass filter enabled
1: Highpass filter disabled
In left justified, right justified or I
2S modes, the ADCLRP register bit controls the polarity of ADCLRC.
If this bit is set high, the expected polarity of ADCLRC will be the opposite of that shown Figure 23,
Figure 24 and Figure 25. Note that if this feature is used as a means of swapping the left and right
channels, a 1 sample phase difference will be introduced. In DSP modes, the ADCLRP register bit is
used to select between early and late modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In Left/Right/I
2S Modes:
ADCLRC Polarity (normal)
0: normal DACLRC polarity
1: inverted DACLRC polarity
0001100
Interface Control
4
ADCLRP
0
In DSP Mode:
0: Early DSP mode
1: Late DSP mode
By default, DACLRC and DOUT are sampled on the rising edge of ADCBCLK and should ideally
change on the falling edge. Data sources that change ADCLRC and DOUT on the rising edge of
ADCBCLK can be supported by setting the ADCBCP register bit. Setting ADCBCP to 1 inverts the
polarity of ADCBCLK to the inverse of that shown in Figure 23, Figure 24, Figure 25, Figure 26,
Figure 27, Figure 28 and Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com