Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics LSM330 Datasheet HTML 53Page - STMicroelectronics LSM330 Datasheet HTML 54Page - STMicroelectronics LSM330 Datasheet HTML 55Page - STMicroelectronics LSM330 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Register description
LSM330
52/75
DocID023426 Rev 3
8.30
TIM1_1 (54h - 55h)
16-bit general timer (unsigned value) for state machine 1 operation timing register (r/w).
8.31
THRS2_1 (56h)
Threshold signed value for state machine 1 operation register (r/w).
8.32
THRS1_1 (57h)
Threshold signed value for state machine 1 operation register (r/w).
8.33
MASKB_1 (59h)
Axis and sign mask (swap) for state machine 1 motion-detection operation register (r/w).
Table 57. TIM1_1_L default values
00000000
Table 58. TIM1_1_H default values
00000000
Table 59. THRS2_1 default value
00000000
Table 60. THRS1_1 default values
00000000
Table 61. MASKB_1 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 62. MASKB_1 register description
P_X
0 = X + disabled, 1 =X+ enabled.Default value: 0
N_X
0 = X - disabled, 1 = X – enabled. Default value: 0
P_Y
0 = Y+ disabled, 1 = Y+ enabled. Default value: 0
N_Y
0 = Y- disabled, 1 = Y– enabled. Default value: 0
P_Z
0 = Z+ disabled, 1 = Z + enabled. Default value: 0
N_Z
0 = Z - disabled, 1 = Z – enabled. Default value: 0
P_V
0 = V + disabled, 1 = V + enabled. Default value: 0
N_V
0 = V - disabled, 1 = V – enabled. Default value: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com