Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 11Page - STMicroelectronics LSM330 Datasheet HTML 12Page - STMicroelectronics LSM330 Datasheet HTML 13Page - STMicroelectronics LSM330 Datasheet HTML 14Page - STMicroelectronics LSM330 Datasheet HTML 15Page - STMicroelectronics LSM330 Datasheet HTML 16Page - STMicroelectronics LSM330 Datasheet HTML 17Page - STMicroelectronics LSM330 Datasheet HTML 18Page - STMicroelectronics LSM330 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
DocID023426 Rev 3
15/75
LSM330
Module specifications
75
2.2
Electrical characteristics
@ Vdd = 3 V, T = 25 °C unless otherwise noted
2.3
Temperature sensor characteristics
@ Vdd = 3V, T = 25 °C unless otherwise noted (b)
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.4
3.6
V
Vdd_IO
Power supply for I/O
1.71
Vdd+0.1
V
LA_Idd
Accelerometer current
consumption in normal mode
1.6 kHz ODR
250
μA
3.125 Hz ODR
10
LA_IddPdn
Accelerometer current
consumption in power-down
mode
1
μA
G_Idd
Gyroscope current
consumption in Normal mode
6.1
mA
G_IddLowP
Gyroscope supply current
in sleep mode(2)
2mA
G_IddPdn
Gyroscope current
consumption in power-down
mode
5
μA
VIH
Digital high level input voltage
0.8*Vdd_IO
V
VIL
Digital low level input voltage
0.2*Vdd_IO
V
VOH
High level output voltage
0.9*Vdd_IO
V
VOL
Low level output voltage
0.1*Vdd_IO
V
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sleep mode introduces a faster turn-on time compared to power-down mode.
b. The product is factory calibrated at 3.0 V.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com