Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 54Page - STMicroelectronics LSM330 Datasheet HTML 55Page - STMicroelectronics LSM330 Datasheet HTML 56Page - STMicroelectronics LSM330 Datasheet HTML 57Page - STMicroelectronics LSM330 Datasheet HTML 58Page - STMicroelectronics LSM330 Datasheet HTML 59Page - STMicroelectronics LSM330 Datasheet HTML 60Page - STMicroelectronics LSM330 Datasheet HTML 61Page - STMicroelectronics LSM330 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Register description
LSM330
58/75
DocID023426 Rev 3
8.50
SETT2 (7Bh)
Setting of threshold, peak detection and flags for state machine 2 motion detection
operation register (r/w).
8.51
PR2 (7Ch)
Program and reset pointer for state machine 2 motion-detection operation register (r/w).
8.52
TC2 (7Dh-7E)
16-bit general timer (unsigned output value) for state machine 2 operation timing register (r).
Table 89. SETT2 register
P_DET
THR3_SA ABS
-
-
THR3_MA
R_TAM
SITR
Table 90. SETT2 register description
P_DET
SM2 peak detection. Default value: 0
0 = peak detection disabled, 1 = peak detection enabled
THR3_SA
Default value: 0
0 = no action, 1 = Threshold 3 limit value for axis and sign mask reset (MASKB_2)
ABS
Default value: 0
0 = unsigned thresholds, 1 = signed thresholds
THR3_MA
Default value: 0
0 = no action, 1 = Threshold 3 limit value for axis and sign mask reset (MASKA_2)
R_TAM
Next condition validation flag. Default value: 0
0 = no valid next condition found, 1 = valid next condition found and reset
SITR
Default value: 0
0 = no actions, 1 = program flow can be modified by STOP and CONT commands
Table 91. PR2 register
PP3
PP2
PP1
PP0
RP3
RP2
RP1
RP0
Table 92. PR2 register description
PP [3:0]
SM2 program pointer address.Default value: 0
RP [3:0]
SM2 reset pointer address. Default value: 0
Table 93. TC2_L default values
00000000
Table 94. TC2_H default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com