Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 37Page - STMicroelectronics LSM330 Datasheet HTML 38Page - STMicroelectronics LSM330 Datasheet HTML 39Page - STMicroelectronics LSM330 Datasheet HTML 40Page - STMicroelectronics LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
DocID023426 Rev 3
41/75
LSM330
Register mapping
75
STx_2
Table 14
r/w
60-6F
110 0000
110 1111
00000000
SM2 code
register
(X=1-16)
TIM4_2
Table 14
r/w
70
111 0000
00000000
SM2 general
timers
TIM3_2
Table 14
r/w
71
111 0001
00000000
TIM2_2
Table 14
r/w
72-73
111 0010
111 0011
00000000
TIM1_2
Table 14
r/w
74-75
111 0100
111 0101
00000000
THRS2_2
Table 14
r/w
76
111 0110
00000000
SM2
threshold
value 1
THRS1_2
Table 14
r/w
77
111 0111
00000000
SM2
threshold
value 2
MASKB_2
Table 14
r/w
79
111 1001
00000000
SM2 axis and
sign mask
MASKA_2
Table 14
r/w
7A
111 1010
00000000
SETT2
Table 14
r/w
7B
111 1011
00000000
SM2 detection
settings
PR2
Table 14
r/w
7C
111 1100
00000000
Program-reset
pointer
TC2
Table 14
r
7D-7E
111 1101
111 1110
00000000
Timer counter
OUTS2
Table 14
r
7F
111 1111
00000000
Main set flag
PEAK2
Table 14
r
1A
001 1010
00000000
Peak value
DES2
Table 14
w
78
111 1000
00000000
Decimation
factor
WHO_AM_I_G
Table 15
r
0F
000 1111
11010100
Who I am ID
Reserved
-
-
10-1F
-
-
-
CTRL_REG1_G
Table 15
r/w
20
010 0000
00000111
Angular rate
sensor
control
registers
CTRL_REG2_G
Table 15
r/w
21
010 0001
00000000
CTRL_REG3_G
Table 15
r/w
22
010 0010
00000000
CTRL_REG4_G
Table 15
r/w
23
010 0011
00000000
CTRL_REG5_G
Table 15
r/w
24
010 0100
00000000
REFERENCE_G
Table 15
r/w
25
010 0101
00000000
Reference
value for
interrupt
generation
Table 17. Register address map (continued)
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com