Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 66 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 62Page - STMicroelectronics LSM330 Datasheet HTML 63Page - STMicroelectronics LSM330 Datasheet HTML 64Page - STMicroelectronics LSM330 Datasheet HTML 65Page - STMicroelectronics LSM330 Datasheet HTML 66Page - STMicroelectronics LSM330 Datasheet HTML 67Page - STMicroelectronics LSM330 Datasheet HTML 68Page - STMicroelectronics LSM330 Datasheet HTML 69Page - STMicroelectronics LSM330 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
Register description
LSM330
66/75
DocID023426 Rev 3
8.68
FIFO_CTRL_REG_G (2Eh)
Angular rate sensor FIFO control register (r/w).
8.69
FIFO_SRC_REG_G (2Fh)
Angular rate sensor FIFO source control register (r).
Table 120. FIFO_CTRL_REG_G register
FM2
FM1
FM0
WTM4
WTM3
WTM2
WTM1
WTM0
Table 121. FIFO_CTRL_REG_G register description
FM [2:0]
FIFO mode selection. Default value: 000 (see Table 122)
WTM [4:0]
FIFO threshold. Watermark level setting
Table 122. FIFO mode configuration
FM2
FM1
FM0
FIFO mode
0
0
0
Bypass mode
0
0
1
FIFO mode
0
1
0
Stream mode
0
1
1
Stream-to-FIFO mode
1
0
0
Bypass-to-Stream mode
Table 123. FIFO_SRC_REG_G register
WTM
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 124. FIFO_SRC_REG_G register description
WTM
Watermark status. (0: FIFO filling is lower than WTM level; 1: FIFO filling is equal
to or higher than WTM level)
OVRN
Overrun bit status.
(0: FIFO is not completely filled; 1:FIFO is completely filled)
EMPTY
FIFO empty bit.
(0: FIFO not empty; 1: FIFO empty)
FSS [4:0]
FIFO stored data level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com