Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 9Page - STMicroelectronics LSM330 Datasheet HTML 10Page - STMicroelectronics LSM330 Datasheet HTML 11Page - STMicroelectronics LSM330 Datasheet HTML 12Page - STMicroelectronics LSM330 Datasheet HTML 13Page - STMicroelectronics LSM330 Datasheet HTML 14Page - STMicroelectronics LSM330 Datasheet HTML 15Page - STMicroelectronics LSM330 Datasheet HTML 16Page - STMicroelectronics LSM330 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
DocID023426 Rev 3
13/75
LSM330
Block diagram and pin description
75
10
INT1_G
Gyroscope interrupt signal
11
INT1_A
Accelerometer interrupt1 signal
12
INT2_A
Accelerometer interrupt2 signal
13
DEN_G
Gyroscope Data Enable
14
Res
Reserved. Connect to GND
15
Res
Reserved. Connect to GND
16
Res
Reserved. Connect to GND
17
Res
Reserved. Connect to GND
18
Res
Reserved. Connect to GND
19
GND
0 V supply
20
GND
0 V supply
21
CAP
Connect to GND with ceramic capacitor(2)
22
Vdd(3)
Power supply
23
Vdd(3)
Power supply
24
Vdd(3)
Power supply
1. 100 nF filter capacitor recommended.
2. 10 nF (+/- 10%), 25 V. 1nF minimum value has to be guaranteed under 11 V bias condition1.
3. 100 nF plus 10 μF capacitors recommended.
Table 2. Pin description (continued)
Pin #
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com