Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
DocID023426 Rev 3
45/75
LSM330
Register description
75
8.4
CTRL_REG6_A (24h)
Linear acceleration sensor control register 6 (r/w).
8.5
CTRL_REG7_A (25h)
Linear acceleration sensor control register 7(r/w).
Table 24. CTRL_REG6_A register
BW2
BW1
FSCALE2
FSCALE1
FSCALE0
-
-
SIM
Table 25. CTRL_REG6_A register description
BW [2:1]
Anti-aliasing filter bandwidth. Default value: 00
00 = 800 Hz; 01 = 200 Hz; 10 =400 Hz; 11 =50 Hz)
FSCALE [2:0] Full-scale selection. Default value: 000
000 = ±2g; 001 = ±4g; 010 = ±6g; 011 = ±8g; 100 = ±16g
SIM
SPI Serial Interface Mode selection. Default value: 0
0 = 4-wire interface; 1 = 3-wire interface
Table 26. CTRL_REG7_A register
BOOT
FIFO_EN
WTM_EN
ADD_
INC
P1_
EMPTY
P1_WTM
P1_OVER
RUN
BOOT_
INT
Table 27. CTRL_REG7_A register description
BOOT
Force reboot, cleared as soon as the reboot is finished. Active high.
Default value: 0
FIFO_EN
FIFO enable. Default value: 0.
0 = Disable; 1 = Enable
WTM_EN
Enable FIFO watermark level use. Default value: 0.
0 = Disable; 1 = Enable
ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value: 0
0 = Disable; 1 = Enable
P1_EMPTY
Enable FIFO empty indication on INT1_A. Default value: 0.
0 = Disable; 1 = Enable
P1_WTM
FIFO Watermark interrupt on INT1_A. Default value: 0.
0 = Disable; 1 = Enable
P1_OVERRUN FIFO Overrun interrupt on INT1_A. Default value: 0.
0 = Disable; 1 = Enable
P2_BOOT
BOOT interrupt on INT2_A. Default value: 0.
0 = Disable; 1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com