Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 46 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Register description
LSM330
46/75
DocID023426 Rev 3
8.6
STATUS_REG_A (27h)
Linear acceleration sensor status register (r).
8.7
OFF_X (10h)
Offset correction x-axis register, signed value (r/w).
8.8
OFF_Y (11h)
Offset correction y-axis register, signed value (r/w).
Table 28. STATUS_REG_A register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 29. STATUS_REG_A register description
ZYXOR
X-, Y- and Z-axis data overrun. Default value: 0
0 = no overrun has occurred; 1 = a new set of data has overwritten the previous data
ZOR
Z-axis data overrun. Default value: 0
0 = no overrun has occurred; 1 = a new set of data for the Z-axis has overwritten the
previous data.
YOR
Y-axis data overrun. Default value: 0
0 = no overrun has occurred;
1 = new data for the Y-axis has overwritten the previous data
XOR
X-axis data overrun. Default value: 0
0 = no overrun has occurred;
1 = new data for the X-axis has overwritten the previous data
ZYXDA
X-, Y- and Z-axis new data available. Default value: 0
0 = a new set of data is not yet available; 1 = a new set of data is available
ZDA
Z-axis new data available. Default value: 0
0 = new data for the Z-axis is not yet available;
1 = new data for the Z-axis is available
YDA
Y-axis new data available. Default value: 0
0 = new data for the Y-axis is not yet available;
1 = new data for the Y-axis is available
XDA
X-axis new data available. Default value: 0
0 = new data for the X-axis is not yet available;
1 = new data for the X-axis is available
Table 30. OFF_X default values
00000000
Table 31. OFF_Y default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com