Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics LSM330 Datasheet HTML 53Page - STMicroelectronics LSM330 Datasheet HTML 54Page - STMicroelectronics LSM330 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
DocID023426 Rev 3
51/75
LSM330
Register description
75
8.26
STx_1 (40h-4Fh)
State machine 1 code register (r/w).
State machine 1 system register is composed of 16, 8-bit registers, to implement 16 steps
op-code (STx_1 (x = 1-16)).
8.27
TIM4_1 (50h)
8-bit general timer (unsigned value) for state machine 1 operation timing register (r/w).
8.28
TIM3_1 (51h)
8-bit general timer (unsigned value) for state machine 1 operation timing register (r/w).
8.29
TIM2_1 (52h - 53h)
16-bit general timer (unsigned value) for state machine 1 operation timing register (r/w).
Table 51. CTRL_REG2_A register description
HYST2_1
HYST1_1
HYST0_1
Hysteresis unsigned value to be added or subtracted from threshold value in SM1
Default value: 000
SM1_PIN
0 = SM1 interrupt routed to INT1_A pin, 1 = SM1 interrupt routed to INT2_A pin
Default value: 0
SM1_EN
0 = SM1 disabled, 1 = SM1 enabled
Default value: 0
Table 52. STx_1 registers default values
00000000
------------------------------------------------------------------------------------------------------------------------------------
00000000
Table 53. TIM4_1 default values
00000000
Table 54. TIM3_1 default values
00000000
Table 55. TIM2_1_L default values
00000000
Table 56. TIM2_1_H default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com