Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 17Page - STMicroelectronics LSM330 Datasheet HTML 18Page - STMicroelectronics LSM330 Datasheet HTML 19Page - STMicroelectronics LSM330 Datasheet HTML 20Page - STMicroelectronics LSM330 Datasheet HTML 21Page - STMicroelectronics LSM330 Datasheet HTML 22Page - STMicroelectronics LSM330 Datasheet HTML 23Page - STMicroelectronics LSM330 Datasheet HTML 24Page - STMicroelectronics LSM330 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
DocID023426 Rev 3
21/75
LSM330
Functionality
75
Figure 5. LSM330 accelerometer state machines: sequence of state to execute an
algorithm
4.2.2
FIFO
LSM330 embeds 32 slots of FIFO data for each of the three acceleration output channels
X, Y and Z. This allows consistent power saving for the system, since the host processor
does not need to continuously poll data from the sensor, but it can wake up only when
needed and burst the significant data out from the FIFO. In order to use FIFO it is necessary
to enable the FIFO_EN bit in the CTRL_REG7_A (25h) register.
The FIFO buffer can work accordingly in five different modes: Bypass mode, FIFO mode,
Stream mode, Stream-to-FIFO mode and Bypass-to-Stream mode. Each mode is selected
by the FMODE [2:0] bits in the FIFO_CTRL_REG_A (2Eh) register. Programmable
watermark level, FIFO empty or FIFO overrun events can be enabled to generate dedicated
interrupts on the INT1_A/INT2_A pin (configured through the INT2_EN and INT1_EN bits in
the CTRL_REG4_A (23h) register).
When FIFO is empty, the EMPTY bit in FIFO_SRC_REG_A (2Fh) is equal to '1' and no
samples are available.
If the application requires a lower number of samples, a programmable watermark level can
be set. In FIFO_SRC_REG_A (2Fh) the WTM bit is high if new data arrives and the FSS
[4:0] bit in FIFO_SRC_REG_A (2Fh) is greater than or equal to the WTMP [4:0] bit in the
FIFO_CTRL_REG_A (2Eh) register. In FIFO_SRC_REG_A (2Fh) the WTM bit goes to '0' if
reading X, Y, Z data slot from FIFO and the FSS [4:0] bit in FIFO_SRC_REG_A (2Fh) is less
than or equal to the WTMP [4:0] bit in the FIFO_CTRL_REG_A (2Eh) register.
When FIFO is completely full, the OVRN_FIFO bit in the FIFO_SRC_REG_A (2Fh) is equal
to '1' and the FIFO slot is overwritten.
State 1
State 2
next
State 3
next
State n
next
reset
reset
reset
reset
START
OUTPUT/STOP/CONTINUE
INT set
AM14725v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com