Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 56Page - STMicroelectronics LSM330 Datasheet HTML 57Page - STMicroelectronics LSM330 Datasheet HTML 58Page - STMicroelectronics LSM330 Datasheet HTML 59Page - STMicroelectronics LSM330 Datasheet HTML 60Page - STMicroelectronics LSM330 Datasheet HTML 61Page - STMicroelectronics LSM330 Datasheet HTML 62Page - STMicroelectronics LSM330 Datasheet HTML 63Page - STMicroelectronics LSM330 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
Register description
LSM330
60/75
DocID023426 Rev 3
8.57
CTRL_REG1_G (20h)
Angular rate sensor control register 1 (r/w).
DR [1:0] is used to set ODR selection. BW [1:0] is used to set bandwidth selection.
The table below provides all the frequencies resulting from DR / BW bit combinations.
Table 100. CTRL_REG1_G register
DR1
DR0
BW1
BW0
PD
Zen
Xen
Yen
Table 101. CTRL_REG1_G description
DR [1:0]
Output data rate selection. Default value: 00. Refer toTable 102
BW [1:0]
Bandwidth selection. Default value: 00. Refer to Table 102
PD
Power-down mode enable. Default value: 0
(0: Power-down mode, 1: Normal mode or Sleep mode)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
Table 102. DR and BW configuration setting
DR [1:0]
BW [1:0]
ODR [Hz]
Cut-off [Hz](1)
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
00
00
95
12.5
00
01
95
25
00
10
95
25
00
11
95
25
01
00
190
12.5
01
01
190
25
01
10
190
50
01
11
190
70
10
00
380
20
10
01
380
25
10
10
380
50
10
11
380
100
11
00
760
30
11
01
760
35
11
10
760
50
11
11
760
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com