Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 63 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 59Page - STMicroelectronics LSM330 Datasheet HTML 60Page - STMicroelectronics LSM330 Datasheet HTML 61Page - STMicroelectronics LSM330 Datasheet HTML 62Page - STMicroelectronics LSM330 Datasheet HTML 63Page - STMicroelectronics LSM330 Datasheet HTML 64Page - STMicroelectronics LSM330 Datasheet HTML 65Page - STMicroelectronics LSM330 Datasheet HTML 66Page - STMicroelectronics LSM330 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
DocID023426 Rev 3
63/75
LSM330
Register description
75
8.60
CTRL_REG4_G (23h)
Angular rate sensor control register 4 (r/w).
8.61
CTRL_REG5_G (24h)
Angular rate sensor control register 5 (r/w).
Table 110. CTRL_REG4_G register
BDU
BLE
FS1
FS0
0
0
0
SIM
Table 111. CTRL_REG4_G description
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSb and LSb
reading)
BLE
Big/little Endian data selection. Default value: 0.
(0: Data LSb @ lower address; 1: Data MSb @ lower address)
FS [1:0]
Full-scale selection. Default value: 00
(00: 250 dps; 01: 500 dps; 10: 2000 dps; 11: 2000 dps)
SIM
3-wire SPI serial interface read mode enable. Default value: 0
(0: 3-wire read mode disabled; 1: 3-wire read enabled).
Table 112. CTRL_REG5_G register
BOOT
FIFO_EN
--
HPen
INT1_Sel1 INT1_Sel0
Out_Sel1
Out_Sel0
Table 113. CTRL_REG5_G description
BOOT
Reboot memory content. Default value: 0
(0: Normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disabled; 1: FIFO enabled)
HPen
High-pass filter enable. Default value: 0
(0: HPF disabled; 1: HPF enabled, see Figure 21)
INT1_Sel [1:0]
INT1 selection configuration. Default value: 0
(see Figure 21)
Out_Sel [1:0]
Out selection configuration. Default value: 0
(see Figure 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com