Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics LSM330 Datasheet HTML 53Page - STMicroelectronics LSM330 Datasheet HTML 54Page - STMicroelectronics LSM330 Datasheet HTML 55Page - STMicroelectronics LSM330 Datasheet HTML 56Page - STMicroelectronics LSM330 Datasheet HTML 57Page - STMicroelectronics LSM330 Datasheet HTML 58Page - STMicroelectronics LSM330 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
DocID023426 Rev 3
55/75
LSM330
Register description
75
8.39
PEAK1 (19h)
Peak detection value register for state machine 1 operation register (r).
Peak detected value for next condition SM1
8.40
CTRL_REG3_A (22h)
State machine 2 control register (r/w).
8.41
STx_2 (60h-6Fh)
State machine 2 code register (r/w).
State machine 2 system register is composed of 16, 8-bit registers, to implement 16 steps
op-code (STx_2 (x = 1-16)).
8.42
TIM4_2 (70h)
8-bit general timer (unsigned value) for state machine 2 operation timing register (r/w).
Table 73. PEAK1 default values
00000000
Table 74. CTRL_REG3_A register
HYST2_2
HYST1_2
HYST0_2
-
SM2_PIN
-
-
SM2_EN
Table 75. CTRL_REG3_A register description
HYST2_2
HYST1_2
HYST0_2
Hysteresis unsigned value to be added or subtracted from threshold value in SM2
Default value = 000
SM2_PIN
0 = SM2 interrupt routed to INT1_A, 1 = SM2 interrupt routed to INT1_A pin
Default value = 0
SM2_EN
0 = SM2 disabled, 1 = SM2 enabled
Default value = 0
Table 76. STx_2 register default values
00000000
------------------------------------------------------------------------------------------------------------------------------------
00000000
Table 77. TIM4_2 default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com