Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 22Page - STMicroelectronics LSM330 Datasheet HTML 23Page - STMicroelectronics LSM330 Datasheet HTML 24Page - STMicroelectronics LSM330 Datasheet HTML 25Page - STMicroelectronics LSM330 Datasheet HTML 26Page - STMicroelectronics LSM330 Datasheet HTML 27Page - STMicroelectronics LSM330 Datasheet HTML 28Page - STMicroelectronics LSM330 Datasheet HTML 29Page - STMicroelectronics LSM330 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
Functionality
LSM330
26/75
DocID023426 Rev 3
4.3.4
Stream mode
In Stream mode, data from yaw, pitch and roll measurements are stored in the FIFO. A
watermark interrupt can be enabled and set as in the FIFO mode. FIFO continues filling until
it is full (32 slots of 16-bit data for yaw, pitch and roll). When full, the FIFO discards the older
data as the new arrive. Programmable watermark level events can be enabled to generate
dedicated interrupts on the DRDY_G/INT2_G pin (configuration through CTRL_REG3_G
(22h)). Stream mode is represented in the following figure.
Figure 9. Stream mode
4.3.5
Bypass-to-Stream mode
In Bypass-to-Stream mode, the FIFO starts operating in Bypass mode and once a trigger
event occurs (related to the INT1_CFG_G (30h) register events) the FIFO starts operating in
Stream mode. Refer to the following figure.
Figure 10. Bypass-to-stream mode
x 0
y 0
z0
x 1
y 1
z1
x 2
y 2
z2
x 31
y 31
z31
xi,y i,z i
x 30
y 30
z30
AM07234v1
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,z i
Empty
Bypass mode
Stream mode
Trigger event
x 0
y0
z0
x1
y1
z1
x 2
y2
z2
x 31
y31
z31
xi,yi,z i
x 30
y30
z30
AM07235v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com