Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 19Page - STMicroelectronics LSM330 Datasheet HTML 20Page - STMicroelectronics LSM330 Datasheet HTML 21Page - STMicroelectronics LSM330 Datasheet HTML 22Page - STMicroelectronics LSM330 Datasheet HTML 23Page - STMicroelectronics LSM330 Datasheet HTML 24Page - STMicroelectronics LSM330 Datasheet HTML 25Page - STMicroelectronics LSM330 Datasheet HTML 26Page - STMicroelectronics LSM330 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
DocID023426 Rev 3
23/75
LSM330
Functionality
75
4.2.6
Stream-to-FIFO mode
In Stream-to-FIFO mode FIFO behavior changes according to an interrupt generated by the
configuration of the two state machines using the INT_SM1 and INT_SM2 bits in the STAT
(18h) register.
When the INT_SM1, INT_SM2 bits in the STAT (18h) register are equal to '1', FIFO operates
in FIFO mode. When the INT_SM1, INT_SM2 bits in the STAT (18h) register are equal to '0',
FIFO operates in Stream mode.
4.2.7
Bypass-to-Stream mode
In Bypass-to-Stream mode, the FIFO starts operating in Bypass mode and once a trigger
event occurs (STAT (18h), the FIFO starts operating in Stream mode.
4.2.8
Retrieving data from FIFO
FIFO data is read from OUT_X_L_A (28h) and OUT_X_H_A (29h), OUT_Y_L_A (2Ah) and
OUT_Y_H_A (2Bh) and OUT_Z_L_A (2Ch) and OUT_Z_H_A (2Dh). When the FIFO is in
Stream, Stream-to-FIFO mode or FIFO mode, a read operation from the OUT_X_L_A (28h)
and OUT_X_H_A (29h), OUT_Y_L_A (2Ah) and OUT_Y_H_A (2Bh) or OUT_Z_L_A (2Ch)
and OUT_Z_H_A (2Dh) registers provides the data stored in the FIFO. Each time data is
read from the FIFO, the oldest X, Y and Z data are placed in the OUT_X_L_A (28h) and
OUT_X_H_A (29h), OUT_Y_L_A (2Ah) and OUT_Y_H_A (2Bh) and OUT_Z_L_A (2Ch)
and OUT_Z_H_A (2Dh) registers and both single read and read_burst operations can be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com