Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 57Page - STMicroelectronics LSM330 Datasheet HTML 58Page - STMicroelectronics LSM330 Datasheet HTML 59Page - STMicroelectronics LSM330 Datasheet HTML 60Page - STMicroelectronics LSM330 Datasheet HTML 61Page - STMicroelectronics LSM330 Datasheet HTML 62Page - STMicroelectronics LSM330 Datasheet HTML 63Page - STMicroelectronics LSM330 Datasheet HTML 64Page - STMicroelectronics LSM330 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
DocID023426 Rev 3
61/75
LSM330
Register description
75
The combination of PD, Zen, Yen, Xen is used to set the angular rate sensor in different
modes (Power-down / Normal / Sleep mode) according to the following table:
8.58
CTRL_REG2_G (21h)
Angular rate sensor control register 2 (r/w).
Table 103. Power mode selection configuration
Mode
PD
Zen
Yen
Xen
Power-down
0
-
-
-
Sleep
1
0
0
0
Normal
1
-
-
-
Table 104. CTRL_REG2_G register
EXTRen
LVLen
HPM1
HPM0
HPCF3
HPCF2
HPCF1
HPCF0
Table 105. CTRL_REG2_G description
EXTRen
Edge-sensitive trigger enable: Default value: 0
(0: external trigger disabled; 1: External trigger enabled)
LVLen
Level-sensitive trigger enable: Default value: 0
(0: level-sensitive trigger disabled; 1: level-sensitive trigger enabled)
HPM [1:0]
High-pass filter mode selection. Default value: 00
Refer to Table 106
HPCF [3:0]
High-pass filter cutoff frequency selection. Default value: 0000
Refer to Table 107
Table 106. High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset by reading REFERENCE_G (25h) register)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com