Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330 Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics LSM330 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
DocID023426 Rev 3
49/75
LSM330
Register description
75
8.17
VFC_3 (1Dh)
Vector coefficient register 3 for DIff filter (r/w).
8.18
VFC_4 (1Eh)
Vector coefficient register 4 for DIff filter (r/w).
8.19
THRS3 (1Fh)
Threshold value register (r/w).
8.20
OUT_X_L_A (28h) and OUT_X_H_A (29h)
X-axis linear acceleration output data register (r). The value is expressed as two’s
complement.
8.21
OUT_Y_L_A (2Ah) and OUT_Y_H_A (2Bh)
Y-axis linear acceleration output data register (r). The value is expressed as two’s
complement.
8.22
OUT_Z_L_A (2Ch) and OUT_Z_H_A (2Dh)
X-axis linear acceleration output data register (r). The value is expressed as two’s
complement.
8.23
FIFO_CTRL_REG_A (2Eh)
linear acceleration sensor FIFO control register (r/w).
Table 42. VFC_3 default values
00000000
Table 43. VFC_4 default values
00000000
Table 44. THRS3 default values
00000000
Table 45. FIFO_CTRL_REG_A register
FMODE2
FMODE1
FMODE0
WTMP4
WTMP3
WTMP2
WTMP1
WTMP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com