Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 25Page - National Semiconductor (TI) PC87200 Datasheet HTML 26Page - National Semiconductor (TI) PC87200 Datasheet HTML 27Page - National Semiconductor (TI) PC87200 Datasheet HTML 28Page - National Semiconductor (TI) PC87200 Datasheet HTML 29Page - National Semiconductor (TI) PC87200 Datasheet HTML 30Page - National Semiconductor (TI) PC87200 Datasheet HTML 31Page - National Semiconductor (TI) PC87200 Datasheet HTML 32Page - National Semiconductor (TI) PC87200 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
8.0 Electrical Characteristics (Continued)
29
www.national.com
8.3 Electrical Connections
8.3.5 Unused Input Pins
All inputs not used by the system designer should be kept
at either ground or VDD. To prevent possible spurious oper-
ation, connect active-high inputs to ground through a 20-
kohm ( 10%) pull-down resistor and active-low inputs to
VDD through a 20-kohm ( 10%) pull-up resistor.
8.3.6 NC-Designated Pins
Pins designated NC should be left disconnected. Connect-
ing an NC pin to a pull-up resistor, pull-down resistor, or an
active signal could cause unexpected results and possible
circuit malfunctions.
8.3.7 Power and Ground Connections and Decoupling
Testing and operating the PC87200 requires the use of
standard high frequency techniques to reduce parasitic
effects. These effects can be minimized by filtering the DC
power leads with low-inductance decoupling capacitors,
using low-impedance wiring, and by utilizing all of the VDD
and GND pins.
8.4 Absolute Maximum Ratings
Table 6. lists absolute maximum ratings for the PC87200.
Stresses beyond the listed ratings may cause permanent
damage to the device. Exposure to conditions beyond these lim-
its may (1) reduce device reliability and (2) result in prema-
ture failure even when there is no immediately apparent
sign of failure. Prolonged exposure to conditions at or near
the absolute maximum ratings may also result in reduced
useful life and reliability These are stress ratings only and
do not imply that operation under any conditions other than
those listed under Table 7. is possible.
8.5 Recommended Operating Conditions
Table 7. lists the recommended operating conditions for the
PC87200.
Table 6. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comment
Operating Case Temperature
110
˚C
Storage Temperature
–65
150
˚C
No Bias
Supply Voltage
4.0
V
Voltage On Any Pin:
–0.5
5.5
V
Table 7. Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
Comment
TA
Ambient Temperature
0
70
˚C
VDD
Supply Voltage
3.0
3.6
V
3.3 V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com