Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) PC87200 Datasheet HTML 19Page - National Semiconductor (TI) PC87200 Datasheet HTML 20Page - National Semiconductor (TI) PC87200 Datasheet HTML 21Page - National Semiconductor (TI) PC87200 Datasheet HTML 22Page - National Semiconductor (TI) PC87200 Datasheet HTML 23Page - National Semiconductor (TI) PC87200 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
7.0 Register Descriptions (Continued)
20
www.national.com
6
Internal use, do not overwrite.
5
Internal use, do not overwrite.
4
Internal use, do not overwrite.
3
Internal use, do not overwrite.
2
Internal use, do not overwrite.
1
Internal use, do not overwrite.
0
X-Bus Warm Start
Write only: 0 = NOP; 1 = Execute system wide reset (used only for clock configuration at power-up)
Index 45h-4Fh
Internal use, do not overwrite
Index 50h
ISA CLK Divider (R/W)
Reset Value = 43h
7
Internal use, do not overwrite.
6
Internal use, do not overwrite.
5
Internal use, do not overwrite.
4
Internal use, do not overwrite.
3
Internal use, do not overwrite.
2:0
ISA Clock Divisor — Determines the divisor of the PCI clock used to generate the ISA bus clock:
010 = Divide by three (ISA clock = 11MHz)
011 = Divide by four (ISA clock = 8.33 MHz)
All other values are invalid and can produce unexpected results.
Index 51h
ISA I/O Recovery Control Register (R/W)
Reset Value = 43h
7:4
8-Bit I/O Recovery — These bits determine the number of ISA bus clocks between back-to-back 8-bit I/O read
cycles. This count is in addition to a preset one-clock delay built into the controller.
0000 = 1 PCI clock1101 = 14 PCI clocks
0001 = 2 PCI clocks1110 = 15 PCI clocks
:::1111 = 16 PCI clocks
3:0
16-Bit I/O Recovery — These bits determine the number of ISA bus clocks between back-to-back 16-bit I/O
cycles. This count is in addition to a preset one-clock delay built into the controller.
0000 = 1 PCI clock1101 = 14 PCI clocks
0001 = 2 PCI clocks1110 = 15 PCI clocks
:::1111 = 16 PCI clocks
Index 52h
ROM Control Register (R/W)
Reset Value = 04h
7
Internal use, do not overwrite.
6
Internal use, do not overwrite.
5
Internal use, do not overwrite.
4
Internal use, do not overwrite.
3
Internal use, do not overwrite.
2
ROM 1MB Enable — Allow addressing to 512K or 1MB ROM (FFF00000h-FFFFFFFFh):
0 = Disable; 1 = Enable.
1
Internal use, do not overwrite.
0
Internal use, do not overwrite.
Table 4. Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com