Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 5Page - National Semiconductor (TI) PC87200 Datasheet HTML 6Page - National Semiconductor (TI) PC87200 Datasheet HTML 7Page - National Semiconductor (TI) PC87200 Datasheet HTML 8Page - National Semiconductor (TI) PC87200 Datasheet HTML 9Page - National Semiconductor (TI) PC87200 Datasheet HTML 10Page - National Semiconductor (TI) PC87200 Datasheet HTML 11Page - National Semiconductor (TI) PC87200 Datasheet HTML 12Page - National Semiconductor (TI) PC87200 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
www.national.com
5.0 Pin Descriptions (Continued)
5.2 Pin Assignments
The tables in this section use several common abbreviations. Table 2. lists the mnemonics and their meanings.
In the next section, description of each signal within its associated functional group is provided.
5.3 Signal Descriptions
5.3.1 Reset Signals
5.3.2 Clock Interface Signals
Table 2. Pin Type Definitions
Mnemonic
Definition
I
Standard input pin.
I/O
Bidirectional pin.
O
Totem-pole output.
OD
Open-drain output structure that allows multiple devices to share the pin in a wired-OR configuration.
PU
Pull-up resistor.
PD
Pull-down resistor.
smt
Schmitt Trigger.
s/t/s
Sustained TRI-STATE, an active-low TRI-STATE signal owned and driven by one and only one agent at a
time. The agent that drives an s/t/s pin low must drive it high for at least one clock before letting it float. A
new agent cannot start driving an s/t/s signal any sooner than one clock after the previous owner lets it float.
A pull-up resistor is required to sustain the inactive state until another agent drives it and must be provided
by the central resource.
t/s
TRI-STATE signal.
VDD (PWR) Power pin.
VSS (GND) Ground pin.
#
The "#" symbol at the end of a signal name indicates that the active, or asserted state occurs when the signal
is at a low voltage level. When "#" is not present after the signal name, the signal is asserted when at a high
voltage level.
Signal Name
Pin
No.
Type
Description
PCIRST#
124
I
PCI Reset
PCIRST# is the reset signal for the PCI bus.
RSTDRV
135
O
Reset Drive
This signal is asserted to reset devices that reside on the ISA bus. It will be driven
by the inverse of the PCIRST# input signal.
Signal Name
Pin No.
Type
Description
PCICLK
123
I
PCI Clock
This clock runs at the PCI clock frequency and is used to drive most of the
PC87200 circuitry.
SYSCLK
8
O
ISA Bus Clock
ISACLK is derived from PCICLK and is typically programmed for 8.33MHz.
F0 Index 50h[2:0] is used to program the ISA clock divisor. These bits determine
the divisor of the PCI clock used to generate the ISA bus clock. If F0 Index
50h[2:0] is set to:
010 = Divide by three (sysclk=11MHz)
011 = Divide by four (sysclk = 8.33MHz)
All other values are invalid and can produce unexpected results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com