Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 25Page - National Semiconductor (TI) PC87200 Datasheet HTML 26Page - National Semiconductor (TI) PC87200 Datasheet HTML 27Page - National Semiconductor (TI) PC87200 Datasheet HTML 28Page - National Semiconductor (TI) PC87200 Datasheet HTML 29Page - National Semiconductor (TI) PC87200 Datasheet HTML 30Page - National Semiconductor (TI) PC87200 Datasheet HTML 31Page - National Semiconductor (TI) PC87200 Datasheet HTML 32Page - National Semiconductor (TI) PC87200 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
8.0 Electrical Characteristics (Continued)
30
www.national.com
8.6 DC Characteristics
Table 8. DC Characteristics (at Recommended Operating Conditions)
Symbol
Parameter
Min
Typ
Max
Units
Comment
ISA bus (including PROHIBIT, BPD#)
VIL
Input Low Voltage
–0.5
0.8
V
TTL Level Inputs
VIH
Input High Voltage
2.0
VDD+0.5
V
TTL Level Inputs
VOL
Output Low Voltage
0.5
V
Iol=12 mA
VOH
Output High Voltage
2.4
V
Ioh=-3mA
IOHL
Output High Leakage
200
uA
Vo=Vcc, for OD driver
PCI bus (including PCPCIREQ#, PCPCIGNT#, SERIRQ)
VILC
Input Low Voltage
–0.5
0.3VDD
V
CMOS Level Inputs
VIHC
Input High Voltage
0.5VDD
VDD+0.5
V
CMOS Level Inputs
VOLC
Output Low Voltage
0.1VDD
V
Iout=1500uA
VOHC
Output High Voltage
0.9VDD
V
Iout=-500uA
All pins
II
Input Leakage Current for each
input pin
15
A
0 < VIN < VDD,
CIN
Input Capacitance
10
pF
f = 1MHz
COUT
Output or I/O Capacitance
10
pF
f = 1MHz
CCLK
CLK Input Capacitance
10
pF
f = 1MHz
Current Consumption
ICC
Active ICC: PCICLK @ 33 MHz
30
160
mA
ICCSS
Standby ICC (PCICLK Stopped)
10
uA
fPCICLK = 0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com