Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 13Page - National Semiconductor (TI) PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) PC87200 Datasheet HTML 19Page - National Semiconductor (TI) PC87200 Datasheet HTML 20Page - National Semiconductor (TI) PC87200 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
7.0 Register Descriptions (Continued)
17
www.national.com
7.2 Chipset Register Space
The Chipset Register Space of the PC87200 is comprised
of one function with PCI header registers. There is no
memory or I/O mapped register.
7.2.1 Bridge Configuration Registers - Function 0
The register space designated as Function 0 (F0) contains
registers used to configure features and functionality
unique to the PC87200. All registers in Function 0 are
directly accessed (i.e., there are no memory or I/O mapped
registers in F0). Table 4 gives the bit formats for these reg-
isters.
IMPORTANT: Register bits marked internal use should
not be overwritten, else error will occur.
Table 4. Bridge Configuration Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 100Bh
Index 02h-03h
Device Identification Register (RO)
Reset Value =0021h
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0107h
15:10
Reserved — Set to 0.
9
Fast Back-to-Back Enable (Read Only) — This function is not supported when PC87200 is a master. It is al-
ways disabled (must always be set to 0).
8
SERR# — Allow SERR# assertion on detection of special errors: 0 = Disable; 1 = Enable.
7
Wait Cycle Control (Read Only) — This function is not supported in PC87200. It is always disabled (bit is set
to 0).
6
Parity Error — Allow PC87200 to check for parity errors on PCI cycles for which it is a target, and to assert
PERR# when a parity error is detected: 0 = Disable; 1 = Enable.
5
VGA Palette Snoop Enable (Read Only) — This function is not supported in PC87200. It is always disabled
(bit is set to 0).
4
Memory Write and Invalidate —
Allow PC87200 to do memory write and invalidate cycles, if the PCI
cache line register is set to 16 bytes (04h). 0=Disable, 1=Enable.
3
Special Cycles — This function is not supported. It must always be set to 0.
2
Bus Master — Allow PC87200 bus mastering capabilities: 0 = Disable; 1 = Enable. Set this bit to 1.
1
Memory Space — Allow PC87200 to respond to memory cycles from the PCI bus: 0 = Disable; 1 = Enable.
PC87200 will only respond to memory cycles destined for the ISA bus as none of its internal functions are
memory-mapped.
0
I/O Space — Allow PC87200 to respond to I/O cycles from the PCI bus: 0 = Disable; 1 = Enable.
Index 06h-07h
PCI Status Register (R/W)
Reset Value = 0280h
15
Detected Parity Error — This bit is set whenever a parity error is detected. Write 1 to clear.
14
Signaled System Error — This bit is set whenever PC87200 asserts SERR# active. Write 1 to clear.
13
Received Master Abort — This bit is set whenever a master abort cycle occurs. A master abort will occur
when a PCI cycle is not claimed, except for special cycles. Write 1 to clear. Register is cleared after RMA is
read.
12
Received Target Abort — This bit is set whenever a target abort is received while the PC87200 is the master
for the PCI cycle. Write 1 to clear.
11
Signaled Target Abort — This bit is set whenever the PC87200 signals a target abort. This occurs when an
address parity error occurs for an address that hits in the active address decode space of the PC87200. Write
1 to clear.
10:9
DEVSEL# Timing — These bits are always 01, as the PC87200 will always respond to cycles for which it is
an active target with medium DEVSEL# timing.
00 = Fast
01 = Medium
10 = Slow
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com