Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 9Page - National Semiconductor (TI) PC87200 Datasheet HTML 10Page - National Semiconductor (TI) PC87200 Datasheet HTML 11Page - National Semiconductor (TI) PC87200 Datasheet HTML 12Page - National Semiconductor (TI) PC87200 Datasheet HTML 13Page - National Semiconductor (TI) PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
5.0 Pin Descriptions (Continued)
13
www.national.com
5.3.5 Miscellaneous Signals (Continued)
IOCS16#
29
I
I/O Chip Select 16
IOCS16# is asserted by 16-bit ISA I/O devices based on an asynchronous de-
code of SA[15:0] to indicate that SD[15:0] may be used to transfer data (8-bit ISA
I/O devices use SD[7:0]).
IOR#
25
I/O
I/O Read
IOR# is asserted to request an ISA I/O slave to drive data onto the data bus.
IOW#
26
I/O
I/O Write
IOW# is asserted to request an ISA I/O slave to accept data from the data bus.
MEMCS16#
28
I/O
OD
Memory Chip Select 16
MEMCS# is asserted by 16-bit ISA memory devices based on an asynchronous
decode of SA[23:17] to indicate that SD[15:0] may be used to transfer data (8-
bit ISA memory devices use SD[7:0]).
MEMR#
43
I/O
Memory Read
MEMR# is asserted for all memory read accesses (including those above 1MB).
It enables 16-bit memory slaves to decode the memory address on SA[23:0].
MEMW#
44
I/O
Memory Write
MEMW# is asserted for all memory write accesses (including those above 1MB).
It enables 16-bit memory slaves to decode the memory address on SA[23:0].
AEN
23
O
Address Enable
AEN asserted indicates to ISA memory devices that a valid address for a DMA
transfer is present on SA[23:0], and for I/O devices to ignore this address and
any data on the ISA bus.
IRQ[15:14], [12:9],
[7:3]
37,38,
36,35,
34,5,
132,131,
130,129,
128
I
ISA Bus Interrupt Request
IRQ inputs are interrupts that indicate ISA devices or other devices requesting a
CPU interrupt service.
DREQ[7:5],
DREQ[3:0]
58 52,
46,134,
7,137,42
I
DMA Request - Channels [7:5], [3:0]
DREQ inputs are asserted by ISA DMA devices to request a DMA transfer. The
request must remain asserted until the corresponding DACK# is asserted.
DACK[7:5]#,
DACK[3:0]#
57,51,
45,133,
6,136,41
O
DMA Acknowledge- Channels [7:5], [3:0]
DACK# outputs are asserted to indicate when a DREQ is granted and the start
of a DMA cycle.
TC
63
O
Terminal Count
TC signals the final data transfer of a DMA transfer.
IOCHK#
13
I
I/O channel check
Asserted by an ISA device indicating an error condition.
Signal Name
Pin No.
Type
Description
Signal Name
Pin No.
Type
Description
SERIRQ
127
I/O
s/t/s
Serial IRQ
This is a one pin bus that conveys interrupt source information to the chipset.
PROHIBIT
138
I
PROHIBIT
An active high signal from the chipset indicating that the PC87200 should not act
as the subtractive decode agent on the PCI bus.
BPD#
64
I
BIOS Positive Decode (active low)
When this pin is asserted low after BALE is detected high after reset, the PRO-
HIBIT signal will be a don’t care. The BIOS memory range will be positively de-
coded and claimed as such. All other cycles are still subtractively decoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com