Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 12Page - National Semiconductor (TI) PC87200 Datasheet HTML 13Page - National Semiconductor (TI) PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) PC87200 Datasheet HTML 19Page - National Semiconductor (TI) PC87200 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
www.national.com
7.0 Register Descriptions
The 87200 is a single function device. Its register space is
called the Bridge Configuration Registers Space (F0)
which is accessed through the PCI interface using the PCI
Type One Configuration Mechanism.
The PCI header is a 256-byte region used for configuring a
PCI device or function. The first 64 bytes are the same for
all PCI devices and are predefined by the PCI specification.
These registers are used to configure the PCI for the
device. The rest of the 256-byte region is used to configure
the device or function itself.
The remaining subsections of this chapter is as follows:
— A brief discussion on how to access the registers located
in the PCI Configuration Space.
— Register summary.
— Detailed bit formats of all registers.
7.1 Register Summary
The tables in this subsection summarize all the registers of
the PC87200. Included in the tables are the register’s reset
values.
Table 3. Function 0: Bridge Configuration Registers Summary
F0 Index
Width (Bits)
Type
Name
Reset Value
00h-01h
16
RO
Vendor Identification Register
100Bh
02h-03h
16
RO
Device Identification Register
0021h
04h-05h
16
R/W
PCI Command Register
0107h
06h-07h
16
R/W
PCI Status Register
0280h
08h
8
RO
Device Revision ID Register
00h
09h-0Bh
24
RO
PCI Class Code Register
060100h
0Ch
8
R/W
PCI Cache Line Size Register
00h
0Dh
8
R/W
PCI Latency Timer Register
00h
0Eh
8
RO
PCI Header Type Register
00h
0Fh
8
RO
PCI BIST Register
00h
10h-3Fh
--
--
Reserved
00h
40h
8
R/W
PCI Function Control Register 1
79h
41h
8
R/W
PCI Function Control Register 2
10h
42h
8
R/W
PCI Function Control Register 3
28h
43h
8
R/W
PCI Function Control Register 4
46h
44h
8
R/W
Reset Control Register
00h
45h-4Fh
--
--
Internal use, do not overwrite
--
50h
8
R/W
ISA CLK Divider
43h
51h
8
R/W
ISA I/O Recovery Control Register
43h
52h
8
R/W
ROM/AT Logic Control Register
04h
53h-5Ah
--
--
Internal use, do not overwrite
--
5Bh
8
R/W
Decode Control Register 2
00h
5Ch-FFh
--
--
Internal use, do not overwrite
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com