Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 25Page - National Semiconductor (TI) PC87200 Datasheet HTML 26Page - National Semiconductor (TI) PC87200 Datasheet HTML 27Page - National Semiconductor (TI) PC87200 Datasheet HTML 28Page - National Semiconductor (TI) PC87200 Datasheet HTML 29Page - National Semiconductor (TI) PC87200 Datasheet HTML 30Page - National Semiconductor (TI) PC87200 Datasheet HTML 31Page - National Semiconductor (TI) PC87200 Datasheet HTML 32Page - National Semiconductor (TI) PC87200 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
8.0 Electrical Characteristics (Continued)
32
www.national.com
Table 11. Clock Characteristics
Symbol
Parameter
Min
Max
Duty
Cycle
Unit
Comment
Input Signal
tcyc
PCICLK Cycle Time
30
∞
ns
tHIGH
PCICLK High Time
11
ns
tLOW
PCICLK Low Time
11
ns
--
PCICLK Slew Time
1
4
V/ns
Note 1
Note 1: Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across the minimum peak-to-peak
portion of the clock waveform as shown in Figure 5..
Figure 5. PCICLK Waveform
0.3 VCC
0.4 VCC
0.5 VCC
tHIGH
0.6 VCC
tLOW
0.2 VCC
tcyc
0.4 VCC, p-to-p
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com