Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 4Page - National Semiconductor (TI) PC87200 Datasheet HTML 5Page - National Semiconductor (TI) PC87200 Datasheet HTML 6Page - National Semiconductor (TI) PC87200 Datasheet HTML 7Page - National Semiconductor (TI) PC87200 Datasheet HTML 8Page - National Semiconductor (TI) PC87200 Datasheet HTML 9Page - National Semiconductor (TI) PC87200 Datasheet HTML 10Page - National Semiconductor (TI) PC87200 Datasheet HTML 11Page - National Semiconductor (TI) PC87200 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
www.national.com
5.0 Pin Descriptions
5.1 Signal Definitions
This section defines the signals and describes the external interface of the PC87200. The following diagram shows the
pins organized by their functional groupings. Internal test and electrical pins are not shown.
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
TRDY#
STOP#
DEVSEL#
SERR#
IDSEL
SERIRQ
PCI Bus
IRQ Interface
IRDY#
PCICLK
SYSCLK
Clocks
Reset
PCIRST#
PC87200
SA[23:0]
IOCHK#
SBHE#
BALE
IOCHRDY
REFRESH#
IOR#
IOW#
MEMCS16#
MEMR#
MEMW#
AEN
DREQ[7:5], [3:0]
DACK#[7:5], [3:0]
TC
IRQ[15:14], [12:9], [7:3]
ISA Bus
IOCS16#
SD[15:0]
SMEMW#
SMEMR#
Serialized
PROHIBIT
MASTER#
BPD#
RSTDRV
PC87200 Signal Groups
PCPCIGNT#
PCPCIREQ#
Enhanced Integrated PCI-to-ISA
Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com