Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 7Page - National Semiconductor (TI) PC87200 Datasheet HTML 8Page - National Semiconductor (TI) PC87200 Datasheet HTML 9Page - National Semiconductor (TI) PC87200 Datasheet HTML 10Page - National Semiconductor (TI) PC87200 Datasheet HTML 11Page - National Semiconductor (TI) PC87200 Datasheet HTML 12Page - National Semiconductor (TI) PC87200 Datasheet HTML 13Page - National Semiconductor (TI) PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
5.0 Pin Descriptions (Continued)
11
www.national.com
DEVSEL#
93
I/O
t/s
PCI Device Select
DEVSEL# is asserted by a PCI slave, to indicate to a PCI master and subtractive
decoder that it is the target of the current transaction.
As an input, DEVSEL# indicates a PCI slave has responded to the current ad-
dress.
As an output, DEVSEL# is asserted one cycle after the assertion of FRAME#
and remains asserted to the end of a transaction as the result of a positive de-
code. DEVSEL# is asserted four cycles after the assertion of FRAME# if the
PC87200 is selected as the result of a subtractive decode. The subtractive de-
code sample point can be configured in F0 Index 41h[2:1]. These cycles are
passed to the ISA bus.
PAR
96
I/O
t/s
PCI Parity
PAR is the parity signal driven to maintain even parity across AD[31:0] and
C/BE[3:0]#.
The PC87200 drives PAR one clock after the address phase and one clock after
each completed data phase of write transactions as a PCI master. It also drives
PAR one clock after each completed data phase of read transactions as a PCI
slave.
SERR#
95
O
OD
PCI System Error
SERR# is pulsed by a PCI device to indicate an address parity error.
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com