Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 25Page - National Semiconductor (TI) PC87200 Datasheet HTML 26Page - National Semiconductor (TI) PC87200 Datasheet HTML 27Page - National Semiconductor (TI) PC87200 Datasheet HTML 28Page - National Semiconductor (TI) PC87200 Datasheet HTML 29Page - National Semiconductor (TI) PC87200 Datasheet HTML 30Page - National Semiconductor (TI) PC87200 Datasheet HTML 31Page - National Semiconductor (TI) PC87200 Datasheet HTML 32Page - National Semiconductor (TI) PC87200 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31
www.national.com
8.0 Electrical Characteristics (Continued)
8.7 AC Characteristics
The following tables list the AC characteristics including output delays, input setup requirements, input hold requirements
and output float delays. The rising-clock-edge reference level VREF, and other reference levels are shown in Table 9.
Input or output signals must cross these levels during testing.
Input setup and hold times are specified minimums that define the smallest acceptable sampling window for which a syn-
chronous input signal must be stable for correct operation.
Note: All AC tests are at VDD = 3.0V to 3.6V,
TA = 0
oC to 70oC, C
L = 50pF unless otherwise specified.
The interface signal groups listed in Table 11. adhere to the timing parameters given in the corresponding specification.
For details, refer to those specifications.
Table 9. Drive Level and Measurement Points for Switching Characteristics
Symbol
Voltage (V)
VREF
1.5
VIHD
2.3
VILD
0.3
Figure 4. Drive Level and Measurement Points for Switching Characteristics
Table 10. AC Characteristics of Specification Compliant Interface Signals
Interface Signal Group
Specification Name
PCI Bus Interface Signals
PCI Bus Specification, Revision 2.1
ISA Bus Interface Signals
Abides industry standards
CLK
OUTPUTS
INPUTS
VIHD
VILD
VREF
Valid Input
Valid Output n+1
Valid Output n
VREF
VREF
VILD
VIHD
Min
Max
Legend: A = Maximum Output Delay Specification
B = Minimum Output Delay Specification
C = Minimum Input Setup Specification
D = Minimum Input Hold Specification
TX
B
A
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com