Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 2Page - National Semiconductor (TI) PC87200 Datasheet HTML 3Page - National Semiconductor (TI) PC87200 Datasheet HTML 4Page - National Semiconductor (TI) PC87200 Datasheet HTML 5Page - National Semiconductor (TI) PC87200 Datasheet HTML 6Page - National Semiconductor (TI) PC87200 Datasheet HTML 7Page - National Semiconductor (TI) PC87200 Datasheet HTML 8Page - National Semiconductor (TI) PC87200 Datasheet HTML 9Page - National Semiconductor (TI) PC87200 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
3.0 Device Overview (Continued)
6
www.national.com
When a legacy ISA bus DMA request is asserted, the
PC87200 will transmit that request to the PC/PCI Primary
Bus Arbiter by encoding it and driving it out the PC87200’s
PCPCIREQ# according to the above; first PCPCIREQ# will
be driven low for one PCICLK period to indicate that the
serial encoded request transfer is starting. Then the
PC87200 will drive each of the next eight bits with the value
of its corresponding DREQ. (NOTE: Channel 4 will always
be driven low.) At the end of the request sequence, the
PC87200 will continue to drive its PCPCIREQ# signal
active, indicating that the request is still being maintained.
In response to the request sequence, the PC/PCI Primary
Bus Arbiter will respond with a PC/PCI DMA encoded grant
transfer when it is granting the PCI bus for a PC/PCI DMA
transfer cycle. The PC/PCI encoded grant transfer will
begin when the PC/PCI Primary Bus Arbiter drives
PCPCIGNT# low for one PCICLK period to indicate the
start
of
the
grant
sequence;
then
the
next
three
PCPCIGNT# signal PCICLK periods will then contain the
encoded grant value, indicating which legacy ISA DMA
channel is being granted the PC Bus.
After receiving a valid grant from the PC/PCI DMA Arbiter,
the PC87200 will recognize the following I/O accesses as
DMA I/O Reads(Writes) from (to) the granted legacy ISA
DMA channel.
PCI bus address bit 2 (A2) indicates if the cycle is to be a
Terminal Count cycle or not.
For Normal DMA Cycles, PCI bus I/O Reads and Writes
will be translated to legacy ISA DMA Reads and Writes
respectively. For Verify DMA Cycles, only PCI bus I/O
Reads will be translated to legacy ISA DMA Verify cycles.
3.5.4 Clock Generation
The PC87200 generates the ISA clock using PCI clock sig-
nal (typically 33 MHz).
A PCICLK divisor (3,4) is programmable through PCI con-
figuration register to generate the ISA clock signal. This
provides support for the generation of ISACLK frequencies
8.33 MHz and 11 MHz off of a 33MHz PCICLK.
Figure 3. shows a block diagram for clock generation within
the PC87200.
bit 2
bit 1
bit 0
Channel Granted
0
0
0
DMA Channel 0 (DACK0#)
0
0
1
DMA Channel 0 (DACK1#)
0
1
0
DMA Channel 0 (DACK2#)
0
1
1
DMA Channel 0 (DACK3#)
1
0
0
RESERVED
1
0
1
DMA Channel 0 (DACK5#)
1
1
0
DMA Channel 0 (DACK6#)
1
1
1
DMA Channel 0 (DACK7#)
DMA Cycle
Type
DMA
I/O Address
TC (A2) PCI Cycle Type
Normal
0000_0000h
0
I/O Read/Write
Normal TC
0000_0004h
1
I/O Read/Write
Verify
0000_00C0h
0
I/O Read
Verify TC
0000_00C4h
1
I/O Read.
Figure 3. PC87200 Clock Generation
N
SYSCLK
PCICLK
PC87200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com