Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87200 Datasheet HTML 1Page - National Semiconductor (TI) PC87200 Datasheet HTML 2Page - National Semiconductor (TI) PC87200 Datasheet HTML 3Page - National Semiconductor (TI) PC87200 Datasheet HTML 4Page - National Semiconductor (TI) PC87200 Datasheet HTML 5Page - National Semiconductor (TI) PC87200 Datasheet HTML 6Page - National Semiconductor (TI) PC87200 Datasheet HTML 7Page - National Semiconductor (TI) PC87200 Datasheet HTML 8Page - National Semiconductor (TI) PC87200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
www.national.com
3.0 Device Overview
The PC87200 can be described as providing the functional
blocks shown in Figure 1.
— PCI bus master/slave interface
— ISA bus master/slave interface
— Serial IRQ slave mode interface
— PROHIBIT signal support
— PC/PCI DMA interface
3.1 PCI Bus Interface
The PC87200 provides a PCI bus interface that is both a
slave for PCI cycles initiated by the CPU or other PCI mas-
ter devices, and a PC/PCI DMA master for DMA transfer
cycles. The PC87200 supports positive decode for the
BIOS ROM in the special test mode and implements sub-
tractive decode for unclaimed PCI accesses when the
PROHIBIT signal is low. The PC87200 also generates
address and data parity and performs parity checking.
Configuration registers are accessed through the PCI inter-
face using the PCI Bus Type 1 configuration mechanism as
described in the PCI 2.1 Specification.
3.2 ISA Bus Interface
The PC87200 provides an ISA bus interface for subtrac-
tive-decoded memory and I/O cycles on PCI. The
PC87200 is the default subtractive decoding agent and will
forward all unclaimed memory and I/O cycles to the ISA
interface; however, the PC87200 may be configured to
ignore either I/O, memory or all unclaimed cycles (subtrac-
tive decode disabled) by asserting the PROHIBIT signal.
ISA master cycles will only be passed to the PCI bus if they
access memory. I/O accesses are left to complete on the
ISA bus.
ISA master cycles that access memory on ISA bus are not
supported by the PC87200.
3.3 Serialized IRQ support
The PC87200’s Serial Interrupt interface uses a serial
interrupt bus to transmit ISA Bus legacy interrupt requests.
The bus is a one pin bus (SERIRQ) and uses the PCI clock
as its timing reference. The serial interrupt bus is a multi-
drop bus that is shared by all PCI devices that have legacy
interrupts. The serial interrupt logic conforms to the serial-
ized IRQ defined in the Serialized IRQ on the “PCI way” -
Version 6.0 specification. Programming of the serial inter-
rupt controller when the controller is currently running can
produce unexpected results.
X-Bus
ISA Bus
PCI Bus
PCI to X-Bus / X-Bus to PCI Bridge
PCI Configuration
Registers
X-Bus Arbiter
PC87200 Support
Serial IRQ Slave
mode interface logic
Serialized IRQ
Interface
PC/PCI DMA
Interface
ISA bus Target
Interface
ISA bus Master
Interface
PCPCIREQ#
PCPCIGNT#
Decoding logic
BPD#
PROHIBIT
Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com