Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) PC87200 Datasheet HTML 19Page - National Semiconductor (TI) PC87200 Datasheet HTML 20Page - National Semiconductor (TI) PC87200 Datasheet HTML 21Page - National Semiconductor (TI) PC87200 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
www.national.com
7.0 Register Descriptions (Continued)
8
Data Parity Detected —This bit is set when:
1) The PC87200 asserted PERR# or observed PERR# asserted.
2) PC87200 is the master for the cycle in which the PERR# occurred, and PE is set (F0 Index 04h[6] = 1).
Write 1 to clear.
7
Fast Back-to-Back Capable — As a target, PC87200 is capable of accepting fast back-to-back transactions:
0 = Disable; 1 = Enable. This bit is always set to 1.
6:0
Reserved — Set to 0.
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 060100h
Index 0Ch
PCI Cache Line Size Register (R/W)
Reset Value = 00h
7:0
PCI Cache Line Size Register — reserved.
Index 0Dh
PCI Latency Timer Register (R/W)
Reset Value = 00h
7:4
Reserved — Set to 0.
3:0
PCI Latency Timer Value — The PCI Latency Timer Register prevents system lockup when a slave does not
respond to a cycle that the PC87200 masters. If the value is set to 00h (default), the timer is disabled. If the
timer is written with any other value, bits [3:0] become the four most significant bytes in a timer that counts
PCI clocks for slave response. The timer is reset on each valid data transfer. If the counter expires before the
next assertion of TRDY# is received, the PC87200 stops the transaction with a master abort and asserts
SERR#, if enabled to do so.
Index 0Eh
PCI Header Type (RO)
Reset Value =00h
7:0
PCI Header Type Register — This.register defines the format of this header. This header is of type format 0.
Additionally, bit 7 defines whether this PCI device is a multifunction device (bit 7 = 1) or not (bit 7 = 0).
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
7:0
Reserved. Set to 0.
Index 10h-3Fh
Reserved
Reset Value = 00h
Index 40h
PCI Function Control Register 1 (R/W)
Reset Value = 79h
7
Internal use, do not overwrite.
6
Single Write Mode — PC87200 accepts only single cycle write transfers as a slave on the PCI bus and per-
forms a target disconnect with the first data transferred: 0 = Disable (accepts burst write cycles); 1 = Enable.
5
Single Read Mode — PC87200 accepts only single cycle read transfers as a slave on the PCI bus and per-
forms a target disconnect with the first data transferred. 0 = Disable (accepts burst read cycles); 1 = Enable.
4
Retry PCI Cycles — Retry inbound PCI cycles if data is buffered and waiting to go outbound on PCI:
0 = No Retry; 1 = Retry.
3
Write Buffer — PCI slave write buffer: 0 = Disable; 1 = Enable.
2:1
Reserved- set to 0.
0
BS8/16 — This bit can not be written. Always = 1.
Note: Bits 6 and 5 emulate the behavior of first generation devices developed for PCI.
Table 4. Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com