Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87200 Datasheet HTML 1Page - National Semiconductor (TI) PC87200 Datasheet HTML 2Page - National Semiconductor (TI) PC87200 Datasheet HTML 3Page - National Semiconductor (TI) PC87200 Datasheet HTML 4Page - National Semiconductor (TI) PC87200 Datasheet HTML 5Page - National Semiconductor (TI) PC87200 Datasheet HTML 6Page - National Semiconductor (TI) PC87200 Datasheet HTML 7Page - National Semiconductor (TI) PC87200 Datasheet HTML 8Page - National Semiconductor (TI) PC87200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
3.0 Device Overview (Continued)
5
www.national.com
3.4 PROHIBIT signal support
The chipset will use this signal to claim the BIOS first and
then deassert the "PROHIBIT" signal to configure the PCI
to ISA bridge to continue the boot sequence.
Special test mode support is provided by means of the
BPD# pin. When this test mode is active, the PC87200 will
enable positive memory decode during boot up to enable
the host to look for boot ROM on ISA card.
PROHIBIT will be a don’t care in this test mode at boot up
for the ROM BIOS range, but should function normally after
booting
3.5 PC/PCI DMA Interface Support
The PC87200 operates as a PC/PCI DMA Secondary Arbi-
tration Bridge. The PC87200 can pass all seven legacy ISA
bus DMA channel requests to the PC/PCI DMA Primary
Bus Arbiter using the channel passing protocol defined in
the Moble PC/PCI DMA Arbitration and Protocol Specifica-
tion (Revision 2.2). Figure 1 shows the topology of the
PC87200 PC/PCI DMA requests and grants:
The PC87200 converts the seven legacy ISA bus DMA
requests (DREQ0, 1, 2, 3, 5, 6 and 7) into a serial PC/PCI
DMA compliant REQ# sequence and converts the corre-
sponding PC/PCI DMA GNT# sequence into the appropri-
ate DMA acknowledge (DACK0-3, 5-7#). This PC/PCI DMA
expansion
Channel
Passing
Protocol
is
illustrated
Figure 2.
Table 1. SERIRQ Slave Generation Periods
SERIRQ
Period
Signal Generated
# of clocks past
Start
1
Reserved.
2
2
Reserved.
5
3
Reserved.
8
4
IRQ3
11
5
IRQ4
14
6
IRQ5
17
7
IRQ6
20
8
IRQ7
23
9
Reserved.
26
10
IRQ9
29
11
IRQ10
32
12
IRQ11
35
13
IRQ12
38
14
Reserved.
41
15
IRQ14
44
16
IRQ15
47
17
IOCHK#
50
21:18
Reserved.
62,59,56, 53
Figure 1. PC87200 PC/PCI DMA Topology
Figure 2. Channel Passing Protocol
PC/PCI DMA
Primary Bus
Arbiter
PCI Bus
PCPCIREQ#
PCPCIGNT#
PC87200
PC/PCI DMA Interface Support
ISA Bus
start
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
start
bit 0
bit 1
bit 2
PCICLK
PCPCIREQ
#
PCPCIGNT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com