Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) PC87200 Datasheet HTML 19Page - National Semiconductor (TI) PC87200 Datasheet HTML 20Page - National Semiconductor (TI) PC87200 Datasheet HTML 21Page - National Semiconductor (TI) PC87200 Datasheet HTML 22Page - National Semiconductor (TI) PC87200 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
www.national.com
7.0 Register Descriptions (Continued)
Index 41h
PCI Function Control Register 2 (R/W)
Reset Value = 10h
7
Burst to Beat — Bursts are converted to single beats for X-Bus to PCI bus reads: 0 = Disable; 1 = Enable.
6
Internal use, do not overwrite
5
PERR# Signals SERR# — Assert SERR# any time that PERR# is asserted or detected active by the
PC87200 (allows PERR# assertion to be cascaded to NMI (SMI) generation in the system): 0 = Disable; 1 =
Enable.
4
Write Buffer Enable — Allow 16-byte buffering for X-Bus to PCI bus writes: 0 = Disable; 1 = Enable.
3
Internal use, do not overwrite.
2:1
Subtractive Decode — These bits determine the point at which the PC87200 accepts cycles that are not
claimed by another device. The PC87200 defaults to taking subtractive decode cycles in the default cycle
clock, but can be moved up to the Slow Decode cycle point if all other PCI devices decode in the fast or me-
dium clocks. Disabling subtractive decode must be done with care, as all ISA and ROM cycles are decoded
subtractively.
00 = Default sample (4th clock from FRAME# active)
01 = Slow sample (3rd clock from FRAME# active)
1x = No subtractive decode
0
Internal use, do not overwrite.
Index 42h
PCI Function Control Register 3 (R/W)
Reset Value = 28h
7
Internal use, do not overwrite
6
Internal use, do not overwrite.
5
Delayed Transactions — Allow delayed transactions on the PCI bus: 0 = Disable; 1 = Enable.
4
Internal use, do not overwrite.
3
No X-Bus ARB, Buffer Enable — When PC87200 is a PCI target, allow buffer PCI transactions without X-Bus
arbitration: 0 = Disable; 1 = Enable.
2
Internal use, do not overwrite.
1
Internal use, do not overwrite.
0
Internal use, do not overwrite.
Index 43h
PCI Function Control Register 4
Reset Value = 46h
7
Reserved — Set to 0.
6
Internal use, do not overwrite.
5
Internal use, do not overwrite.
4
Internal use, do not overwrite.
3
Internal use, do not overwrite.
2
Internal use, do not overwrite.
1
PCI Retry Cycles — When PC87200 is a PCI target and the PCI buffer is not empty, allow PCI bus to retry
cycles:
0 = Disable; 1 = Enable.
This bit works in conjunction with PCI bus delayed transactions bit. F0 Index 42h[5] must = 1 for this bit to be
valid.
0
Internal use, do not overwrite.
Index 44h
Reset Control Register (R/W)
Reset Value = 00000000b
7
Internal use, do not overwrite.
Table 4. Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com