Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87200 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 10Page - National Semiconductor (TI) PC87200 Datasheet HTML 11Page - National Semiconductor (TI) PC87200 Datasheet HTML 12Page - National Semiconductor (TI) PC87200 Datasheet HTML 13Page - National Semiconductor (TI) PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
5.0 Pin Descriptions (Continued)
14
www.national.com
5.3.6 PC/PCI signals
5.3.7 Power, Ground, and Reserved Terminals
PCPCIREQ#
125
O
PC/PCI Bus Request
The PC87200 asserts PCPCIREQ# using the PC/PCI DMA request protocol in
response to a DMA request or ISA master request to gain ownership of the PCI
bus. The PCPCIREQ# and PCPCIGNT# signals are used to arbitrate for the PCI
bus.
PCPCIGNT#
126
I
PC/PCI Bus Grant
PCPCIGNT# is asserted using the PC/PCI DMA grant protocol by an arbiter that
indicates to the PC87200 that access to the PCI bus has been granted.
Signal Name
Pin No.
Type
Description
VDD
1,19,39,
59,71,
79,89,
97,105,
113,121,
139,150
PWR
3.3V (nominal) Power Connection
VSS
2,20,40,
60,72,
80,90,
98,106,
114,122,
140,151
GND
Ground Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com