Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 21Page - National Semiconductor (TI) PC87307 Datasheet HTML 22Page - National Semiconductor (TI) PC87307 Datasheet HTML 23Page - National Semiconductor (TI) PC87307 Datasheet HTML 24Page - National Semiconductor (TI) PC87307 Datasheet HTML 25Page - National Semiconductor (TI) PC87307 Datasheet HTML 26Page - National Semiconductor (TI) PC87307 Datasheet HTML 27Page - National Semiconductor (TI) PC87307 Datasheet HTML 28Page - National Semiconductor (TI) PC87307 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 218 page
background image
25
Configuration
www.national.com
2.1.3
The Strap Pins
TABLE 2-2. Strap Pins
Pin
Reset Configuration
Affected
CFG0
0 - FDC, KBC and RTC wake up inactive.
1 - FDC, KBC and RTC wake up active.
Bit 0 of Activate registers (index
30h) of logical devices 0,2 and 3.
CFG1
0 - No X-Bus Data Buffer. (See XDB pins multiplexing in Table 1-2.)
1 - X-Bus Data Buffer (XDB) enabled.
Bit 4 of SuperI/O Configuration 1
register (index 21h).
CFG3,2
00 - Clock source is 24 MHz fed via X1 pin.
01 - Reserved for CSOUT-NSC-Test fed via X1 pin.
10 - Clock source is 48 MHz fed via X1 pin.
11 - Clock source is 32.768 KHz with on-chip clock multiplier.
Bits 2-0 of PMC2 register of Power
Management (logical device 8)
CFG2 affects bits 0 and 2.
CFG3 affects bit 1.
BADDR1,0
00 - Full PnP ISA, Wake in Wait For Key state. Index PnP ISA.
01 - Full PnP ISA, Wake in Wait For Key state. Index PnP ISA.
10 - PnP Motherboard, Wake in Config state. Index 015Ch.
11 - PnP Motherboard, Wake in Config state. Index 002Eh.
Bits 1 and 0 of SuperI/O
Configuration 2 register (index 22h)
SELCS
0 - CSOUT-NSC-test on CS0 pin.
1 - CS0 on CS0 pin.
Bit 1 of SuperI/O Configuration 1
register (index 21h).
2.2
SOFTWARE CONFIGURATION
2.2.1
Accessing the Configuration Registers
Only two system I/O addresses are required to access any
of the configuration registers. The Index and Data register
pair is used to access registers for all read and write opera-
tions.
In a write operation, the target configuration register is iden-
tified, based on a value that is loaded into the Index register.
Then, the data to be written into the configuration register is
transferred via the Data register.
Similarly, for a read operation, first the source configuration
register is identified, based on a value that is loaded into the
Index register. Then, the data to be read is transferred via
the Data register.
Reading the Index register returns the last value loaded into
the Index register. Reading the Data register returns the
data in the configuration register pointed to by the Index
register.
If, during reset, the Base Address 1 (BADDR1) signal is low
(0), the Index and Data registers are not accessible imme-
diately after reset. As a result, all configuration registers of
the part are also not accessible at this time. To access
these registers, apply the PnP ISA protocol.
If during reset, the Base Address 1 (BADDR1) signal is high
(1), all configuration registers are accessible immediately
after reset.
It is up to the configuration software to guarantee no con-
flicts between the registers of the active (enabled) logical
devices, between IRQ signals and between DMA channels.
If conflicts of this type occur, the results are unpredictable.
To maintain compatibility with other SuperI/O‘s, the value of
reserved bits may not be altered. Use read-modify-write.
2.2.2
Address Decoding
In full Plug and Play mode, the addresses of the Index and
Data registers that access the configuration registers are
decoded using pins A11-0, according to the ISA Plug and
Play specification.
In Plug and Play Motherboard mode, the addresses of the
Index and Data registers that access the configuration reg-
isters are decoded using pins A15-1. Pin A0 distinguishes
between these two registers.
KBC and mouse register addresses are decoded using pins
A1,0 and A15-3. Pin A2 distinguishes between the device
registers.
RTC/APC and Power Management (PM) register address-
es are decoded using pins A15-1. PM has only five registers
and only responds to accesses to those registers.
FDC, UART, and GPIO register addresses are decoded us-
ing pins A15-3.
Parallel Port (PP) modes determine which pins are used for
register addresses. In SPP mode, 14 pins are used to de-
code Parallel Port (PP) base addresses. In ECP and EPP
modes, 13 address pins are used. Table 2-3 shows which
address pins are used in each mode.
TABLE 2-3. Address Pins Used for Parallel Port
PP Mode
Pins Used to
Decode Base
Address
Pins Used to
Distinguish Registers
SPP
A15-2
A1,0
ECP
A9-2 and A15-11
A1,0 and A10
EPP
A15-3
A2-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com