Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 68Page - National Semiconductor (TI) PC87307 Datasheet HTML 69Page - National Semiconductor (TI) PC87307 Datasheet HTML 70Page - National Semiconductor (TI) PC87307 Datasheet HTML 71Page - National Semiconductor (TI) PC87307 Datasheet HTML 72Page - National Semiconductor (TI) PC87307 Datasheet HTML 73Page - National Semiconductor (TI) PC87307 Datasheet HTML 74Page - National Semiconductor (TI) PC87307 Datasheet HTML 75Page - National Semiconductor (TI) PC87307 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 218 page
background image
72
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
TABLE 5-2. Drive and Motor Pin Encoding for Four
Drive Configurations and Drive Exchange Support
Usually, the motor enable and drive select output signals for
a particular drive are enabled together. Table 5-3 shows the
DOR hexadecimal values that enable each of the four
drives.
TABLE 5-3. Drive Enable Hexadecimal Values
The motor enable and drive select signals for drives 2 and
3 are only available when four drives are supported, i.e., bit
7 of the SuperI/O FDC Configuration register at index F0h
is 1, or when drives 2 and 0 are exchanged. These signals
require external logic.
Digital Output
Register Bits
Control
Signals
Decoded Functions
MTR DR
765432101010
x x x1x x0 0 - 0 0 0
Activate Drive 0
and Motor 0
x x 1 x x x 0 1-0 0 1
Activate Drive 1
and Motor 1
x1x x x x1 0 - 0 1 0
Activate Drive 2
and Motor 2
1x x x x x1 1 - 0 1 1
Activate Drive 3
and Motor 3
x x x0x x0 0 - 1 0 0
Activate Drive 0 and
Deactivate Motor 0
x x 0 x x x 0 1-1 0 1
Activate Drive 1 and
deactivate Motor 1
x0x x x x1 0 - 1 1 0
Activate Drive 2 and
Deactivate Motor 2
0x x x x x1 1 - 1 1 1
Activate Drive 3 and
Deactivate Motor 3
Drive
DOR Value (Hex)
01C
12D
24E
38F
FIGURE 5-7. DOR Register Bitmap
Bits 1,0 - Drive Select
These bits select a drive, so that only one drive select
output signal is active at a time.
See the four-drive encoding bit 7 of the SuperI/O FDC
Configuration register at index F0h on page 37 and log-
ical drive exchange bits 3,2 of TDR on page 74 for more
information.
00 - Drive 0 is selected. (Default)
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is selected.
Bit 2 - Reset Controller
This bit can cause a software reset. The controller re-
mains in a reset state until this bit is set to 1.
A software reset affects the CONFIGURE and MODE
commands. See Section 5.7.2 on page 88 and 5.7.7 on
page 92, respectively. A software reset does not affect
the Data rate Select Register (DSR), Configuration Con-
trol Register (CCR) and other bits of this register (DOR).
This bit must be low for at least 100 nsec. There is
enough time during consecutive writes to the DOR to re-
set software by toggling this bit.
0 - Reset controller. (Default)
1 - No reset.
Bit 3 - DMA Enable (DMAEN)
In PC-AT drive mode, this bit enables DMA operations
by controlling DACK, TC and the appropriate DRQ and
IRQ DMA signals. In PC-AT mode, this bit is set to 0 af-
ter reset.
In PS/2 drive mode, this bit is reserved, and DACK, TC
and the appropriate DRQ and IRQ signals are enabled.
During reset, these signals remain enabled.
0 - In PC-AT drive mode, DMA operations are dis-
abled. DACK and TC are disabled, and the appro-
priate DRQ and IRQ signals are put in TRI-STATE.
(Default)
1 - In PC-AT drive mode, DMA operations are enabled,
i.e., DACK, TC and the appropriate DRQ and IRQ
signals are all enabled.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Digital Output
Register (DOR)
Offset 02h
Reset Controller
Motor Enable 0
Motor Enable 1
Motor Enable 2
Motor Enable 3
Drive Select
DMAEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com