Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 52Page - National Semiconductor (TI) PC87307 Datasheet HTML 53Page - National Semiconductor (TI) PC87307 Datasheet HTML 54Page - National Semiconductor (TI) PC87307 Datasheet HTML 55Page - National Semiconductor (TI) PC87307 Datasheet HTML 56Page - National Semiconductor (TI) PC87307 Datasheet HTML 57Page - National Semiconductor (TI) PC87307 Datasheet HTML 58Page - National Semiconductor (TI) PC87307 Datasheet HTML 59Page - National Semiconductor (TI) PC87307 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 218 page
background image
56
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
• Type of system recovery after a Power Failure state
by setting the MOAP bit. See page “The MOAP Bit” on
page 58.
• Immediate or delayed Switch Off shutdown. See “The
SWITCH Input Signal” on page 59.
• 5 or 21 second time-out fail-safe shutdown. See “The
SWITCH Input Signal” on page 59.
4.3.2
System Power States
The system power state may be No Power, Power On, Pow-
er Off or Power Failure. These states are illustrated in Fig-
ure 4-9 on page 57. Table 4-5 indicates the power-source
combinations for each state. No other power-source combi-
nations are valid.
In addition, the power sources and distribution for the entire
PC system are described in “PC87307/PC97307 Power
Supplies” on page 51.
TABLE 4-5. System Power States
WARNING:
It is illegal for VDD to be present when VCCH is absent.
No Power
This state exists when no external or battery power is con-
nected to the device. This condition will not occur once a
backup battery has been connected, except in the case of a
malfunction. The APC undergoes initialization only when
leaving this state.
Power On
This is the normal state when the PC is active. This state
may be initiated by various events in addition to the normal
physical switching on of the system. In this state, the PC
power supply is powered by external AC power and produc-
es VDD and VCCH. The PC system and the part are powered
by VDD, with the exception of the RTC logical device, which
is powered by VCCH.
VDD
VCCH
VBAT
Power State
−−
−
No Power
−−
+
Power Failure
−
+
+ or -
Power Off
+
+
+ or -
Power On
+
−
+
Illegal State
Power Off (Suspended)
This is the normal state when the PC has been switched off
and is not required to be active, but is still connected to a
live external AC input power source. This state may be ini-
tiated directly or by software. The PC system is powered
down. The RTC logical device remains active, powered by
VCCH.
Power Failure
This state occurs when the external power source to the PC
stops supplying power, due to disconnection or power fail-
ure on the external AC input power source. The RTC con-
tinues to maintain timekeeping and RAM data under battery
power (VBAT), unless the oscillator stop bit was set in the
RTC. In this case, the oscillator stops functioning if the sys-
tem goes to battery power, and timekeeping data becomes
invalid.
4.3.3
System Power Switching Logic
In the Power On state, the PC host is powered by the pow-
er-supply voltage VDD. From this state the system enters
the Power Off state, if the conditions for this state occur
(See Section 4.4.3), or the Power Failure state if external
power is removed.
In the Power Off state, the PC hosts do not receive power
from the system power supply, except for RTC and APC
which receive VCCH. The system may enter the Power On
state if the conditions for this state occur (see Section
4.4.3), or enter the Power Failure state if external power is
removed.
If the system voltage falls to the level of VBAT +500 mvolt or
less, the APC enters the Power Failure state and switches
to battery power.
When power returns after a power failure, the APC enables
power up after a delay of 1 second. The nature of the power
up depends on the MOAP bit setting (See “The MOAP Bit”
on page 58).
Knowing the system power state prior to a switch interrupt
is required for correct Switch Event interpretation. The pow-
er state is defined by the following conditions:
VDD present implies Power On
VCCH present and VDD absent implies Power Off.
If VBAT falls below 2V with VCCH absent, the oscillator, the
timekeeping functions and the APC, all stop functioning.
If no external or battery-backup power is available, the sys-
tem enters a No Power state. Upon leaving this state, the
system is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com