Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 76Page - National Semiconductor (TI) PC87307 Datasheet HTML 77Page - National Semiconductor (TI) PC87307 Datasheet HTML 78Page - National Semiconductor (TI) PC87307 Datasheet HTML 79Page - National Semiconductor (TI) PC87307 Datasheet HTML 80Page - National Semiconductor (TI) PC87307 Datasheet HTML 81Page - National Semiconductor (TI) PC87307 Datasheet HTML 82Page - National Semiconductor (TI) PC87307 Datasheet HTML 83Page - National Semiconductor (TI) PC87307 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 218 page
background image
80
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
The Main Status Register (MSR) should be read to verify
that the interrupt is for a data transfer. The RQM and NON
DMA bits (bits 7 and 5, respectively) in the MSR are set to
1. The interrupt is cleared when the byte is transferred to or
from the Data Register (FIFO). To transfer the data in or out
of the Data register, you must use the address bits of the
FDC together and RD or WR must be active, i.e., A2-0 must
be valid. It is not enough to just assert the address bits of
the FDC. RD or WR must also be active for a read or write
transfer to be recognized.
The microprocessor should transfer the byte within the data
transfer service time (see Section 5.3.7 on page 76). If the
byte is not transferred within the time allotted, an overrun er-
ror is indicated in the result phase when the command ter-
minates at the end of the current sector.
An interrupt is also generated after the last byte is trans-
ferred. This indicates the beginning of the result phase. The
RQM and DIO bits (bits 7 and 6, respectively) in the MSR
are set to 1, and the NON DMA bit (bit 5) is cleared to 0. This
interrupt is cleared by reading the first result byte.
Interrupt Transfer Mode - FIFO Enabled
Interrupt transfer (non-DMA) mode with the FIFO enabled is
very similar to interrupt transfer mode with the FIFO dis-
abled. In this case, the appropriate IRQ signal is asserted
instead of DRQ, under the same FIFO threshold trigger con-
ditions.
The MSR should be read to verify that the interrupt is for a
data transfer. The RQM and non-DMA bits (bits 7 and 5, re-
spectively) in the MSR are set. To transfer the data in or out
of the Data register, you must use the address bits of the
FDC together and RD or WR must be active, i.e., A2-0 must
be valid. It is not enough to just assert the address bits of
the FDC. RD or WR must also be active for a read or write
transfer to be recognized.
Burst mode may be used to hold the IRQ signal active dur-
ing a burst, or burst mode may be disabled to toggle the IRQ
signal for each byte of a burst. The Main Status Register
(MSR) is always valid to the microprocessor. For example,
during a read command, after the last byte of data has been
read from the disk and placed in the FIFO, the MSR still in-
dicates that the execution phase is active, and that data
needs to be read from the Data Register (FIFO). Only after
the last byte of data has been read by the microprocessor
from the FIFO does the result phase begin.
The overrun and underrun error procedures for non-DMA
mode are the same as for DMA mode. Also, whether there
is an error or not, an interrupt is generated at the end of the
execution phase, and is cleared by reading the first result
phase byte.
Software Polling
If non-DMA mode is selected and interrupts are not suitable,
the microprocessor can poll the MSR during the execution
phase to determine when a byte is ready to be transferred.
The RQM bit (bit 7) in the MSR reflects the state of the IRQ
signal. Otherwise, the data transfer is similar to the interrupt
mode described above, whether the FIFO is enabled or dis-
abled.
5.4.3
Result Phase
During the result phase, the microprocessor reads a series
of result bytes from the Data Register (FIFO). These bytes
indicate the status of the command. They may indicate
whether the command executed properly, or may contain
some control information.
See the specific commands in “The FDC Command Set” on
page 86 or “Data Register (FIFO), Offset 05h” on page 76
for details.
These result bytes are read in the order specified for that
particular command. Some commands do not have a result
phase. Also, the number of result bytes varies with each
command. All result bytes must be read from the Data Reg-
ister (FIFO) before the next command can be issued.
As it does for command bytes, the Main Status Register
(MSR) controls the flow of result bytes, and must be polled
by the software before reading each result byte from the
Data Register (FIFO). The RQM bit (bit 7) and DIO bit (bit 6)
of the MSR must both be set before each result byte can be
read.
After the last result byte is read, the Command in Progress
bit (bit 4) of the MSR is cleared, and the controller is ready
for the next command.
For more information, see “The Result Phase Status Regis-
ters” on page 81.
5.4.4
Idle Phase
After a hardware or software reset, after the chip has recov-
ered from power-down mode or when there are no com-
mands in progress the controller is in the idle phase. The
controller waits for a command byte to be written to the Data
Register (FIFO). The RQM bit is set, and the DIO bit is
cleared in the MSR.
After receiving the first command (opcode) byte, the con-
troller enters the command phase. When the command is
completed the controller again enters the idle phase. The
Digital Data Separator (DDS) remains synchronized to the
reference frequency while the controller is idle. While in the
idle phase, the controller periodically enters the drive polling
phase.
5.4.5
Drive Polling Phase
National Semiconductor’s FDC supports the polling mode
of old 8-inch drives, as a means of monitoring any change
in status for each disk drive present in the system. This sup-
port provides backward compatibility with software that ex-
pects it.
In the idle phase, the controller enters a drive polling phase
every 1 msec, based on a 500 Kbps data transfer rate. In
the drive polling phase, the controller checks the status of
each of the logical drives (bits 0 through 3 of the MSR). The
internal ready line for each drive is toggled only after a hard-
ware or software reset, and an interrupt is generated for
drive 0.
At this point, the software must issue four SENSE INTER-
RUPT commands to clear the status bit for each drive, un-
less drive polling is disabled via the POLL bit in the
CONFIGURE command. See “Bit 4 - Disable Drive Polling
(POLL)” on page 88. The CONFIGURE command must be
issued within 500
µsec (worst case) of the hardware or soft-
ware reset to disable drive polling.
Even if drive polling is disabled, drive stepping and delayed
power-down occur in the drive polling phase. The controller
checks the status of each drive and, if necessary, it issues
a pulse on the STEP output signal with the DIR signal at the
appropriate logic level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com