Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 35Page - National Semiconductor (TI) PC87307 Datasheet HTML 36Page - National Semiconductor (TI) PC87307 Datasheet HTML 37Page - National Semiconductor (TI) PC87307 Datasheet HTML 38Page - National Semiconductor (TI) PC87307 Datasheet HTML 39Page - National Semiconductor (TI) PC87307 Datasheet HTML 40Page - National Semiconductor (TI) PC87307 Datasheet HTML 41Page - National Semiconductor (TI) PC87307 Datasheet HTML 42Page - National Semiconductor (TI) PC87307 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 218 page
background image
39
Configuration
www.national.com
2.10 PROGRAMMABLE CHIP SELECT
CONFIGURATION REGISTERS
The chip select configuration registers are accessed using
two index levels. The first index level accesses the Pro-
grammable Chip Select Index register at 23h. See Section
2.4.5 on page 35. The second index level accesses a spe-
cific chip select configuration register as shown in Table
2-22.
See also, “Programmable Chip Select Output Signals” on
page 171 and the description of each signal in Table 1-1 on
page 15.
TABLE 2-22. The Programmable Chip Select
Configuration Registers
2.10.1
CS0 Base Address MSB, Second Level
Index 00h
This read/write register is reset by hardware to 00h. Same
as Plug and Play ISA base address register at index 60h.
See Table 2-7 on page 28.
2.10.2
CS0 Base Address LSB Register, Second Level
Index 01h
This read/write register is reset by hardware to 00h. It is the
same as the Plug and Play ISA base address register at in-
dex 61h. See Table 2-7 on page 28.
2.10.3
CS0 Configuration Register, Second Level
Index 02h
This read/write register is reset by hardware to 00h. It con-
trols activation of the CS0 signal upon an address match,
when AEN is inactive (low) and the non-masked address
pins match the corresponding base address bits.
Second
Level
Index
Register Name
Type Reset
00h
CS0 Base Address MSB Register R/W
00h
01h
CS0 Base Address LSB Register R/W
00h
02h
CS0 Configuration Register
R/W
00h
03h
Reserved
-
-
04h
CS1 Base Address MSB Register R/W
00h
05h
CS1 Base Address LSB Register R/W
00h
06h
CS1 Configuration Register
R/W
00h
07h
Reserved
-
-
08h
CS2 Base Address MSB Register R/W
00h
09h
CS2 Base Address LSB Register R/W
00h
0Ah
CS2 Configuration Register
R/W
00h
0Bh-0Fh
Reserved
-
-
10h-FFh
Not Accessible
-
-
FIGURE 2-14. CS0 Configuration Register Bitmap
Bit 0 - Mask Address Pin A0
0 - A0 is decoded.
1 - A0 is not decoded; it is ignored.
Bit 1 - Mask Address Pin A1
0 - A1 is decoded.
1 - A1 is not decoded (ignored).
Bit 2 - Mask Address Pin A2
0 - A2 is decoded.
1 - A2 is not decoded; it is ignored.
Bit 3 - Mask Address Pin A3
0 - A3 is decoded.
1 - A3 is not decoded; it is ignored.
Bit 4 - Assert Chip Select Signal on Write
0 - Chip select not asserted on address match and
when WR is active (low).
1 - Chip select asserted on address match and when
WR is active (low).
Bit 5 - Assert Chip Select Signal on Read
0 - Chip select not asserted on address match and
when RD is active (low).
1 - Chip select asserted on address match and when
RD is active (low).
Bit 6 - Unaffected by RD/WR
Bits 5 and 4 are ignored when this bit is set.
0 - Chip select asserted on address match, qualified by
RD or WR pin state and contents of bits 5 and 4.
1 - Chip select asserted on address match, regardless
of RD or WR pin state and regardless of contents
of bits 5 and 4.
Bit 7 - Mask Address Pins A11-A0
0 - A11-A0 are decoded.
1 - A11-A0 are not decoded; they are ignored.
2.10.4
Reserved, Second Level Index 03h
Attempts to access this register produce undefined results.
Mask Address Pins A11-A0
76543210
Reset
Required
0
0
0
0
0
0
0
0
Second Level
Register,
Mask Address Pin A3
CS0 Configuration
Mask Address Pin A1
Mask Address Pin A2
Assert Chip Select Signal on Read
Mask Address Pin A0
Unaffected by RD/WR
Assert Chip Select Signal on Write
Index 02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com