Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 61Page - National Semiconductor (TI) PC87307 Datasheet HTML 62Page - National Semiconductor (TI) PC87307 Datasheet HTML 63Page - National Semiconductor (TI) PC87307 Datasheet HTML 64Page - National Semiconductor (TI) PC87307 Datasheet HTML 65Page - National Semiconductor (TI) PC87307 Datasheet HTML 66Page - National Semiconductor (TI) PC87307 Datasheet HTML 67Page - National Semiconductor (TI) PC87307 Datasheet HTML 68Page - National Semiconductor (TI) PC87307 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 218 page
background image
65
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
TABLE 4-8. Bank 1 Registers, RTC Memory Bank
TABLE 4-9. Bank 2 Registers, APC Memory Bank
TABLE 4-10. Available General Purpose Bytes
Register
Index
Type
Power-on Value
Function
00h-3Fh
Banks 0, 1 and 2 share the first 14 RTC registers and the
first 50 RTC RAM bytes.
40h-47h
Reserved. Writes have no effect and reads return 00h
Century
48h
R/W
00h
BCD Format: 00-99. Binary Format: 00-63
49h-4Fh
Reserved
Upper RAM
Address Port
50h
R/W
Bits 6-0: Address of the upper 128 RAM bytes.
Bit 7: Reserved.
51h-52h
Reserved
Upper RAM Data
Port
53h
R/W
The byte pointed by the Upper RAM Address Port is
accessed via this register.
54h-7Fh
Reserved
Register
Index
Type
Power-On Value
Function
00h - 3Fh
Banks 0, 1 and 2 share the first 14 RTC
registers and the first 50 bytes of RTC RAM.
APC Control Register 1
(APCR1)
40h
R/W
00h
See “APC Control Register 1 (APCR1), Index
40h” on page 60
APC Control Register 2
(APCR2)
41h
R/W
00h
See “APC Control Register 2 (APCR2), Index
41h” on page 61
APC Status Register (APSR)
42h
R
1000001 (binary)
(bit 7 is indeterminate)
See “APC Status Register (APSR), Index
42h” on page 61
Wake Up Day of Week
43h
R/W
BCD Format: 01-07
Binary Format: 01-07 (Sunday = 1)
Wake Up Date of Month
44h
R/W
BCD Format: 01-31
Binary Format: 01-1F
Wake Up Month
45h
R/W
BCD Format: 01-12
Binary Format: 01-0C
Wake Up Year
46h
R/W
BCD Format: 00-99
Binary Format: 00-63
RAM Lock
47h
R/W
00h;
initialized also on MR
pin reset.
See “RAM Lock Register (RLR), Index 47h”
on page 62
Wake Up Century
48h
R/W
BCD Format: 00-99
Binary Format: 00-63
49h-7Fh
Reserved
Index
Bank
Number of Bytes
Notes
0Eh - 3Fh
All
50
40h - 7Fh
Bank 0
64
50h, 53h
Bank 1
128
Indirect access via 50h for address and 53h for data.
Total
242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com