Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 37Page - National Semiconductor (TI) PC87307 Datasheet HTML 38Page - National Semiconductor (TI) PC87307 Datasheet HTML 39Page - National Semiconductor (TI) PC87307 Datasheet HTML 40Page - National Semiconductor (TI) PC87307 Datasheet HTML 41Page - National Semiconductor (TI) PC87307 Datasheet HTML 42Page - National Semiconductor (TI) PC87307 Datasheet HTML 43Page - National Semiconductor (TI) PC87307 Datasheet HTML 44Page - National Semiconductor (TI) PC87307 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 218 page
background image
41
Configuration
www.national.com
2.11 CARD CONTROL REGISTER BITMAPS
76543210
Reset
Required
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
1
SID (In PC87307)
Index 20h
Register,
Chip ID
Revision ID
76543210
Reset
Required
1
1
1
1
0
0
1
1
1
1
1
1
0
0
1
1
SID (In PC97307)
Index 20h
Register,
Chip ID
ZWS Enable
General Purpose Scratch Bits
76543210
Reset
Required
0
x
1
0
x
0
0
0
SuperI/O Configuration 1
Index 21h
Register,
PC-AT or PS/2 Drive Mode Select
CSOUT or CS0 Select
Reserved
Lock Scratch Bit
X-Bus Data Buffer (XDB) Select
BADDR1 and BADDR0
GPIO Bank Select
76543210
Reset
Required
x
x
0
0
0
0
0
0
SuperI/O Configuration 2
Index 22h
Register,
GPIO21, IRSL2, ID2 or ISL0 Pin Select
GPIO22 or POR Select
GPIO20 or IRSL1 Pin Select
GPIO17 or WDO Pin Select
Index of a Programmable
Read Only
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Programmable Chip Select
Index 23h
Configuration Index
Chip Select Configuration
Register
Register,
Data in a Programmable
76543210
Reset
Required
0
0
0
0
0
0
0
0
Programmable Chip Select
Index 24h
Configuration Data
Chip Select Configuration
Register
Register,
76543210
Reset
Required
x
x
x
x
x
x
x
x
SRID (in PC97307 only)
Index 27h
Register,
Chip Revision ID
KBC Clock Source
76543210
Reset
Required
0
0
0
0
0
0
1
0
SuperI/O KBC
Index F0h
Configuration
Reserved
Register,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com