Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 50Page - National Semiconductor (TI) PC87307 Datasheet HTML 51Page - National Semiconductor (TI) PC87307 Datasheet HTML 52Page - National Semiconductor (TI) PC87307 Datasheet HTML 53Page - National Semiconductor (TI) PC87307 Datasheet HTML 54Page - National Semiconductor (TI) PC87307 Datasheet HTML 55Page - National Semiconductor (TI) PC87307 Datasheet HTML 56Page - National Semiconductor (TI) PC87307 Datasheet HTML 57Page - National Semiconductor (TI) PC87307 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 218 page
background image
54
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
4.2.2
RTC Control Register B (CRB), Index 0Bh
This register enables the selection of various time and date
options, as well as the use of interrupts.
FIGURE 4-6. CRB Register Bitmap
Bit 0 - Daylight Savings Enable (DSE)
Master reset does not affect this read/write bit.
0 - Disables the daylight savings feature.
1 - Enables daylight savings feature, as follows:
In the spring, time advances from 1:59:59 to
3:00:00 on the first Sunday in April.
In the fall, time returns from 1:59:59 to 1:00:00 on
the last Sunday in October.
Bit 1 - 24 or 12 Hour Mode
This is a read/write bit that is not affected by reset.
0 - Enables 12 hour format.
1 - Enables 24 hour format.
Bit 2 - Data Mode (DM)
This is a read/write bit that is not affected by reset.
0 - Enables BCD format.
1 - Enables binary format.
Bit 3 - Unused
This bit is defined as “Square Wave Enable” by the
MC146818 and is not supported by the RTC. This bit is
always read as 0.
Bit 4 - Update-Ended Interrupt Enable (UIE)
Master reset forces this read/write bit to 0.
0 - Disables generation of the Update-Ended interrupt.
1 - Enables generation of the Update-Ended interrupt.
This interrupt is generated at the time an update
occurs.
Bit 5 - Alarm Interrupt Enable (AIE)
Master reset forces this read/write bit to 0.
0 - Disables generation of the alarm interrupt.
1 - Enables generation of the Alarm interrupt. The
alarm interrupt is generated immediately after a
time update in which the Seconds, Minutes, and
Hours time equal their respective alarm counter-
parts.
DM
UIE
AIE
PIE
SET
76543210
0
0
0
0
DSE
24 or 12 Hour Mode
Unused
0
Index 0Bh
Power-Up
Required
RTC Control
(CRB)
Reset
Register B
Bit 6 - Periodic Interrupt Enable (PIE)
Master reset forces this read/write bit to 0.
0 - Disables generation of the Periodic interrupt.
1 - Enables generation of the Periodic interrupt. Bits 3-
0 of Control Register A (CRA) determine the rate of
the Periodic interrupt.
Bit 7 - Set Mode (SET)
Master reset does not affect this read/write bit.
0 - The timing updates occur normally.
1 - The user copy of time is “frozen”, allowing the time
registers to be accessed without regard for an oc-
currence of an update.
4.2.3
RTC Control Register C (CRC), Index 0Ch
This register indicates the status of interrupt request flags.
FIGURE 4-7. CRC Register Bitmap
Bits 3-0 - Reserved
These bits are reserved and always return 0000.
Bit 4 - Update-Ended Interrupt Flag (UF)
Master reset forces this read-only bit to 0. In addition,
this bit is reset to 0 when this register is read.
0 - No update has occurred since the last read.
1 - Time registers have been updated.
Bit 5 - Alarm Interrupt Flag (AF)
Master reset forces this read-only bit to 0.
0 - No alarm was detected since the last read.
1 - An alarm condition was detected. This bit is reset to
0 when this register is read.
Bit 6 - Periodic Interrupt Flag (PF)
Master reset forces this read-only bit to 0. In addition,
this bit is reset to 0 when this register is read.
0 - Indicates no transition occurred on the selected tap
since the last read.
1 - A transition occurred on the selected tap of the di-
vider chain.
UF
AF
PF
IRQF
76543210
0
0
0
0
0
0
0
0
0
0
0
Reserved
Index 0Ch
Power-Up
Required
RTC Control
(CRC)
Reset
Register C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com